Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z-15GS Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # Z-15GS
Description  Basic Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z-15GS Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button Z-15GS Datasheet HTML 9Page - Omron Electronics LLC Z-15GS Datasheet HTML 10Page - Omron Electronics LLC Z-15GS Datasheet HTML 11Page - Omron Electronics LLC Z-15GS Datasheet HTML 12Page - Omron Electronics LLC Z-15GS Datasheet HTML 13Page - Omron Electronics LLC Z-15GS Datasheet HTML 14Page - Omron Electronics LLC Z-15GS Datasheet HTML 15Page - Omron Electronics LLC Z-15GS Datasheet HTML 16Page - Omron Electronics LLC Z-15GS Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
Z
Z
Operating
characteristics
Z-15GNJ55-B
OF max.
50 g
PT max.
20 mm* (0.79)
Z-15GNJ55-B
* Reference value
Operating
characteristics
Z-15HNJ55-B
OF max.
15 g
PT max.
25 mm* (0.98)
Z-15HNJS55-B
* Reference value
Note: 1. Unless otherwise specified, a tolerance of
± 0.4 mm applies to all dimensions.
2. For smaller diameter mounting holes, please consult OMRON.
3. All drawings show the switches with screw terminals. For solder terminals, remove the “-B” from the end of the part number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com