Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASI10613 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASI10613
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASI10613 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASI10613 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 100 mA
110
V
BVCES
IC = 100 mA
110
V
BVCEO
IC = 100 mA
55
V
BVEBO
IE = 10 mA
4.0
V
ICEO
VCE = 30 V
5
mA
ICES
VE = 60 V
5
mA
hFE
VCE = 6 V
IC = 1.4 A
18
43.5
---
Cob
VCB = 50 V
f = 1.0 MHz
220
pF
GP
IMD3
η
η
C
VCE = 50 V
ICQ =100 mA
POUT = 150 W(PEP)
14
37
-30
dB
dBc
%
NPN SILICON RF POWER TRANSISTOR
HF150-50S
DESCRIPTION:
The
ASI HF150-50S is Designed for
FEATURES:
• P
G = 14 dB min. at 150 W/30 MHz
• IMD
3 = 100 dBc max. at 150 W(PEP)
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
10 A
VCBO
110 V
VEBO
4.0 V
VCEO
55 V
PDISS
233 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θθ
JC
0.75
OC/W
PACKAGE STYLE .500 4L STUD (A)
ORDER CODE: ASI10613
MINIMUM
inches / mm
.495 / 12.57
.545 / 13.84
.003 / 0.08
B
C
D
E
F
G
A
MAXIMUM
.555 / 14.10
.007 / 0.18
.830 / 21.08
.505 / 12.83
inches / mm
1.050 / 26.67
H
.497 / 12.62
.530 / 13.46
DIM
.220 / 5.59
.230 / 5.84
.198 / 5.03
.185 / 4.70
F
G
H
E
E
E
B
C
.112 x 45°
1/4-28 UNF-2A
D
Ø .630 NOM
A
C
B


Similar Part No. - ASI10613

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASI10610 ASI-ASI10610 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASI10612 ASI-ASI10612 Datasheet
23Kb / 2P
NPN SILICON RF POWER TRANSISTOR
REV.A
ASI10614 ASI-ASI10614 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
ASI10615 ASI-ASI10615 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
ASI10616 ASI-ASI10616 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - ASI10613

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com