Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASI10604 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASI10604
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASI10604 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASI10604 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 10 mA
65
V
BVCES
IC = 200 mA
65
V
BVCEO
IC = 200 mA
35
V
BVEBO
IE = 10 mA
4.0
V
ICES
VCE = 30 V
10
mA
ICBO
VCE = 30 V
1.0
mA
hFE
VCE = 5.0 V
IC = 500 mA
5
200
---
COB
VCB = 30 V
f = 1.0 MHz
65
pF
GP
η
η
C
VCE = 28 V
PIN = 7.0 W
f = 175 MHz
7.6
60
dB
%
NPN SILICON RF POWER TRANSISTOR
HF30-28F
DESCRIPTION:
The
ASI HF30-28F is Designed for
FEATURES:
• P
G = 20 dB min. at 30 W/30 MHz
•• IMD
3 = -30 dBc max. at 30 W(PEP)
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
5.0 A
VCBO
65 V
VCEO
35 V
VEBO
4.0 V
PDISS
60 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θθ
JC
2.9
OC/W
PACKAGE STYLE .380 4L FLG
ORDER CODE: ASI10604
MINIMUM
inches / mm
.970 / 24.64
B
C
D
E
F
G
A
MAXIMUM
.385 / 9.78
.980 / 24.89
inches / mm
H
.160 / 4.06
.180 / 4.57
DIM
.220 / 5.59
.230 / 5.84
.105 / 2.67
.085 / 2.16
I
J
.240 / 6.10
.255 / 6.48
.785 / 19.94
F
B
G
.125
Ø.125 NOM.
FULL R
D
E
C
H
.112 x 45°
A
I
J
.004 / 0.10
.006 / 0.15
.280 / 7.11
.720 / 18.29
.730 / 18.54
E
E
C
B


Similar Part No. - ASI10604

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASI10600 ASI-ASI10600 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASI10600 ASI-ASI10600 Datasheet
19Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASI10601 ASI-ASI10601 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASI10602 ASI-ASI10602 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
ASI10603 ASI-ASI10603 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
More results

Similar Description - ASI10604

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com