Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

37521 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 37521
Description  STORAGE CONTAINERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

37521 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  37521 Datasheet HTML 1Page - List of Unclassifed Manufacturers 37521 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ACCESSORIES
•
ESD Handles
•
Wire Frames
•
Foam Pads
Conductive Plastic Handles
Steel wire perimeter
reinforcing frame for extra
strength and durability
Permanently static dissipative
crosslink bottom foam to
cushion circuit boards
• These items made to order
Item No.
REF#
Box Size I.D. - L x W x D
Handles
Lid
Wire
Foam
37508
411-BX
16-7/8 x 10 x 3-1/2 IN
(429 x 254 x 89 MM)
N/A
37550
N/A
37451
37501
401-BX
16-7/8 x 10 x 5-3/8 IN
(429 x 254 x 137 MM)
N/A
37550
N/A
37451
37509
422-BX
17 x 9-7/8 x 2-1/2 IN
(432 x 254 x 137 MM)
N/A
37550
N/A
37451
37500
400-BX
17 x 9-7/8 x 7-1/4 IN
(432 x 251 x 184 MM)
37450
37550
N/A
37451
37502
402-BX
17 x 9-7/8 x 11-5/8 IN
(432 x 251 x 286 MM)
37450
37550
N/A
37451
37511
436-BX
17 x 13 x 6-3/4 IN
(432 x 330 x 171 MM)
37450
37551
37456
37452
37512
438-BX
17 x 13 x 8-3/4 IN
(432 x 330 x 222 MM)
37450
37551
37456
37452
37513
439-BX
17 x 13 x 10-3/4 IN
(432 x 330 x 273 MM)
37450
37551
37456
37452
37503
403-BX
17 x 13 x 12-5/8 IN
(432 x 330 x 321 MM)
37450
37551
37456
37452
37510•
434-BX
17 x 13 x 14-3/4 IN
(432 x 330 x 375 MM)
37450
37551
37456
37452
37520•
456-BX
18-3/8 x 12-3/8 x 6-3/4 IN
(467 x 314 x 171 MM)
37450
37553
37458
37454
37522•
458-BX
18-3/8 x 12-3/8 x 8-3/4 IN
(467 x 314 x 222 MM)
37450
37553
37458
37454
37523•
459-BX
18-3/8 x 12-3/8 x 10-3/4 IN (467 x 314 x 273 MM)
37450
37553
37458
37454
37519•
455-BX
18-3/8 x 12-3/8 x 14-3/4 IN (467 x 314 x 374 MM)
37450
37553
37458
37454
37518
452-BX
18-3/8 x 12-3/8 x 12-3/4 IN (467 x 314 x 324 MM)
37450
37553
37458
37454
37521
457-BX
18-3/8 x 12-3/8 x 17-1/8 IN (467 x 314 x 435 MM)
37450
37553
37458
37454
37505
405-BX
18-1/2 x 12-3/8 x 18-3/4 IN (470 x 314 x 476 MM)
37450
37553
37458
37454
37506
406-BX
18-5/8 x 15 x 5-7/8 IN
(473 x 381 x 149 MM)
37450
37554
37459
37455
37527
468-BX
18-5/8 x 15 x 8 IN
(473 x 381 x 203 MM)
37450
37554
37459
37455
37524
460-BX
18-5/8 x 15 x 10 IN
(473 x 381 x 254 MM)
37450
37554
37459
37455
37525
462-BX
18-5/8 x 15 x 12 IN
(473 x 381 x 305 MM)
37450
37554
37459
37455
37526
464-BX
18-5/8 x 15 x 14 IN
(473 x 381 x 356 MM)
37450
37554
37459
37455
37516
446-BX
22-7/8 x 12-7/8 x 6 IN
(581 x 327 x 152 MM)
37450
37552
37457
37453
37517
448-BX
22-7/8 x 12-7/8 x 8 IN
(581 x 327 x 203 MM)
37450
37552
37457
37453
37514
440-BX
22-7/8 x 12-7/8 x 10 IN
(581 x 327 x 254 MM)
37450
37552
37457
37453
37504
404-BX
22-7/8 x 12-7/8 x 12-5/8 IN (581 x 327 x 321 MM)
37450
37552
37457
37453
37515
445-BX
22-7/8 x 12-7/8 x 15-1/4 IN (581 x 327 x 387 MM)
37450
37552
37457
37453
37507
408-BX
22-7/8 x 12-7/8 x 18-1/4 IN (581 x 327 x 464 MM)
37450
37552
37457
37453
37530
21-7/8 x 18-7/8 x 4-1/4 IN
(556 x 479 x 108 MM)
N/A
37557
N/A
N/A
37532
22 x 18-7/8 x 8 IN
(559 x 480 x 203 MM)
N/A
37557
NA
N/A
© 2011 DESCO INDUSTRIES INC.
Employee Owned
Item
Description
Size
37450 ESD Handles 1” x 4”
37451 Bottom Foam 1/4” x 9-3/4” x 16-3/4”
37453 Bottom Foam 1/4” x 12-1/4” x 22-5/8”
37454 Bottom Foam 1/4” x 12-1/2” x 18-1/2”
37452 Bottom Foam 1/4” x 12-5/8” x 16-5/8”
37455 Bottom Foam 1/4” x 14-3/4” x 18-3/8”
37458 Wire Frame
1/4” x 12-1/2” x 18-11/16”
37457 Wire Frame
1/4” x 12-3/4” x 23-1/8”
37456 Wire Frame
1/4” x 13-1/4” x 17-1/4”
37459 Wire Frame
1/4” x 15-1/8” x 18-13/16”



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com