Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXM4AB1BD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RXM4AB1BD
Description  miniature plug-in relay - Zelio RXM - 4 C/O - 24 V DC - 6 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RXM4AB1BD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RXM4AB1BD Datasheet HTML 1Page - List of Unclassifed Manufacturers RXM4AB1BD Datasheet HTML 2Page - List of Unclassifed Manufacturers RXM4AB1BD Datasheet HTML 3Page - List of Unclassifed Manufacturers RXM4AB1BD Datasheet HTML 4Page - List of Unclassifed Manufacturers RXM4AB1BD Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
7/9/2011
1
Product data sheet
Characteristics
RXM4AB1BD
miniature plug-in relay - Zelio RXM - 4 C/O - 24
V DC - 6 A
Main
Range of product
Zelio Relay
Series name
Miniature
Product or component
type
Plug-in relay
Device short name
RXM
Contacts type and
composition
4 C/O
Contacts operation
Standard
Control circuit voltage
24 V DC
[Ithe] conventional
enclosed thermal
current
6 A at <= 55 °C
Status LED
Without
Control type
Pushbutton
Coil interference
suppression
Without
Utilisation coefficient
20 %
Sale per indivisible
quantity
10
Complementary
[Ui] rated insulation voltage
250 V conforming to IEC
300 V conforming to CSA
300 V conforming to UL
[Uimp] rated impulse withstand voltage
4 kV conforming to IEC 61000-4-5
Contacts material
Silver alloy (Ag/Ni)
[Ie] rated operational current
3 A (AC-1/DC-1) NC conforming to IEC
6 A (AC-1/DC-1) NO conforming to IEC
8 A (AC-1/DC-1) conforming to UL
Minimum switching current
10 mA
Maximum switching voltage
250 V AC/DC
Minimum switching voltage
17 V
Resistive rated load
6 A at 250 V AC
6 A at 28 V DC
Maximum switching capacity
1500 VA, AC circuit
168 W, DC circuit
Minimum switching capacity
170 mW
Operating rate
<= 20 cyc/mn (under load)
<= 300 cyc/mn (no-load)
Mechanical durability
10000000 cycles
Electrical durability
100000 cycles for resistive load
Average consumption in W
0.9 W, DC circuit
Average consumption in VA
1.2, AC circuit
Drop-out voltage threshold
>= 0.1 Uc (DC
>= 0.15 Uc (AC
Operating time
20 ms between coil de-energisation and making of the Off-delay contact (AC/DC)
20 ms between coil energisation and making of the On-delay contact (AC/DC)
Average resistance
650 Ohm, DC circuit at 20 °C +/- 10 %
Rated operational voltage limits
19.2...26.4 V DC
Protection category
RT I
Operating position
Any position
CAD overall width
21 mm


Similar Part No. - RXM4AB1BD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RXM4AB1BD SCHNEIDER-RXM4AB1BD Datasheet
219Kb / 6P
Harmony, Miniature plug-in relay, 6 A, 4 CO, with lockable test button, 24 V DC
Aug 5, 2021
RXM4AB1BDPVM SCHNEIDER-RXM4AB1BDPVM Datasheet
190Kb / 6P
Harmony, Miniature plug-in relay pre-assembled, 6 A, 4 CO, with lockable test button, mixed terminals socket, 24 V DC
Aug 31, 2021
RXM4AB1BDPVS SCHNEIDER-RXM4AB1BDPVS Datasheet
193Kb / 6P
Harmony, Miniature plug-in relay pre-assembled, 6 A, 4 CO, with lockable test button, separate terminals socket, 24 V DC
Aug 31, 2021
More results

Similar Description - RXM4AB1BD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RXM2LB2JD ETC1-RXM2LB2JD Datasheet
487Kb / 6P
Electromechanical Zelio Relay RXM Optimum miniature plug-in relays
RUMC3AB1F7 ETC2-RUMC3AB1F7 Datasheet
73Kb / 5P
universal plug-in relay - Zelio RUM - 3 C/O - 120 V AC - 10 A
RXM2AB2B7 ETC2-RXM2AB2B7 Datasheet
76Kb / 5P
miniature plug-in relay - Zelio RXM - 2 C/O - 24 V AC - 12 A - with LED
RPM12BD ETC2-RPM12BD Datasheet
58Kb / 2P
power plug-in relay - Zelio RPM - 1 C/O - 24 V DC - 15 A - with LED
RUMC3AB1BD ETC2-RUMC3AB1BD Datasheet
73Kb / 5P
universal plug-in relay - Zelio RUM - 3 C/O - 24 V DC - 10 A
RXM3AB2BD ETC2-RXM3AB2BD Datasheet
76Kb / 5P
miniature plug-in relay - Zelio RXM - 3 C/O - 24 V DC - 10 A - with LED
logo
Schneider Electric
RXM4AB1BD SCHNEIDER-RXM4AB1BD Datasheet
219Kb / 6P
Harmony, Miniature plug-in relay, 6 A, 4 CO, with lockable test button, 24 V DC
Aug 5, 2021
RXM4AB3BD SCHNEIDER-RXM4AB3BD Datasheet
211Kb / 6P
Harmony, Miniature plug-in relay, 6 A, 4 CO, with LED, 24 V DC
Aug 5, 2021
RPM11JD SCHNEIDER-RPM11JD Datasheet
118Kb / 5P
power plug-in relay - Zelio RPM - 1 C/O - 12 V DC - 15 A
Aug 10, 2019
RPM13B7 SCHNEIDER-RPM13B7 Datasheet
119Kb / 5P
power plug-in relay - Zelio RPM - 1 C/O - 24 V AC - 15 A - with LED
Aug 15, 2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com