Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC752 Datasheet(PDF) 3 Page - API Technologies Corp

Part # DC752
Description  Directional Couplers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

DC752 Datasheet(HTML) 3 Page - API Technologies Corp

  DC752 Datasheet HTML 1Page - API Technologies Corp DC752 Datasheet HTML 2Page - API Technologies Corp DC752 Datasheet HTML 3Page - API Technologies Corp DC752 Datasheet HTML 4Page - API Technologies Corp DC752 Datasheet HTML 5Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
hybrids
SpectrumMicrowave.com • 1.603.459.1600
All dimensions shown in decimal inches (mm). Specifications subject to change without notice.
For mounting instructions, additional specifications or other products, visit us online or contact the factory.
1
Maximum loss is the actual dissipative loss and reflective loss
due to VSWR. It does NOT include coupling loss.
2
Unbalance is measured as the difference between the coupled and
mainline output ports from the mean coupling at each frequency.
Part
Number*
750
751
752
753
Frequency
Range
(GHz)
0.25-0.5
0.5-1
1-2
2-4
Insertion Loss1
Max. (dB)
0.1
0.1
0.1
0.1
Unbalance2
Max. (dB)
1
1
1
1
VSWR
Max.
1.20:1
1.25:1
1.25:1
1.25:1
20
20
20
20
Isolation
Min. (dB)
±3
±3
±3
±3
Deviation from
Phase Quadrature Typ. (°)
3 dB TEMlineTM Hybrid Couplers
• Type N connectors
• Average power rating 1000 watts, Normalized at 1 GHz
• Meets MIL-E-5400 Class 3 or equivalent
• Screenable to MIL-P-23971 or equivalent
Part
Number*
Dim. L
6.31 (160,3)
3.47 (88,1)
2.09 (53,1)
1.50 (38,1)
750
751
752
753



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com