Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2375-2 Datasheet(PDF) 5 Page - API Technologies Corp

Part # 2375-2
Description  Directional Couplers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

2375-2 Datasheet(HTML) 5 Page - API Technologies Corp

  2375-2 Datasheet HTML 1Page - API Technologies Corp 2375-2 Datasheet HTML 2Page - API Technologies Corp 2375-2 Datasheet HTML 3Page - API Technologies Corp 2375-2 Datasheet HTML 4Page - API Technologies Corp 2375-2 Datasheet HTML 5Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
hybrids
SpectrumMicrowave.com • 1.603.459.1600
All dimensions shown in decimal inches (mm). Specifications subject to change without notice.
For mounting instructions, additional specifications or other products, visit us online or contact the factory.
* Shield finish code — see Part Number Key.
Electrical specifications summarized in the table above are determined by measurements at 300 MHz in a matched 50 ohm system and are
independent of physical length and frequency with the exception of power. At jacket temperatures above 55°C, the power should be derated
linearly to 50% at 105°C and to 0 at 155°C.
Bandwidth Optimization
Coupling, Coupled Path (dB)
Unbalanced, Max. (dB), Coupled Path to Main Line
Insertion Loss Max. (dB)
Isolation, Min. (dB)
Directivity, Min. (dB)
VSWR, Max.
Power, Average (W)
Power, Peak (kW)
Phase Quadrature Error, Max. (°)
Dielectric Breakdown, Min. (V RMS)
Weight ounces (grams) per inch/mm
Narrow
3.00 ±0.15
0.3
0.2
30
27
1.1:1
500
2.5
±1
1000
0.15 (4,3)
Octave
2.70 ±0.15
1.1
0.2
30
27
1.1:1
500
2.5
±1
1000
0.11 (3,0)
Wirepac® 3dB Quadrature Hybrids
• Drop-in, surface mount and flanged options
• Ready to install
• High power handling capability
• Low loss, low cost
• Aerospace and commercial heritage
Electrical Specification
Mechanical Specification
FA*1
KC*1
LC*1
FA*1
KC*2
LC*2
KC*1, LC*1
KC*2, LC*2
FA (Flanged)
KC (Round), Crossover & Non-Crossover
LC (Square), Crossover & Non-Crossover
Part Number
(see Part Number Key)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com