Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1232REF Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS1232REF
Description  USER GUIDE
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1232REF Datasheet(HTML) 3 Page - Texas Instruments

  ADS1232REF Datasheet HTML 1Page - Texas Instruments ADS1232REF Datasheet HTML 2Page - Texas Instruments ADS1232REF Datasheet HTML 3Page - Texas Instruments ADS1232REF Datasheet HTML 4Page - Texas Instruments ADS1232REF Datasheet HTML 5Page - Texas Instruments ADS1232REF Datasheet HTML 6Page - Texas Instruments ADS1232REF Datasheet HTML 7Page - Texas Instruments ADS1232REF Datasheet HTML 8Page - Texas Instruments ADS1232REF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
www.ti.com
Getting Started
1
Getting Started
Figure 1 shows a diagram of the ADS1232REF.
Figure 1. ADS1232REF Controls and Connectors
1.1
Operating Modes
The ADS1232REF operates in one of three modes:
•
Scale mode: When the mode select switch is in Scale position, the ADS1232REF acts as a basic
weigh scale. The scale has tare, range, and calibrate functions, and can display metric (SI) units. Other
parameters can be configured in configuration screens. Scale mode is described in detail in Section 2.
•
Analysis mode: When the mode select switch is in Analysis position, codes are taken directly from the
ADS1232 device and various measurements are made upon them. Several measurements are
available, including raw display, voltage, RMS noise, and peak-to-peak measurements. The ADS1232
can also be configured directly from this mode. Analysis mode is described in detail in Section 3.
•
Configuration mode: Parameters governing the operation of the ADS1232REF can be viewed and
altered in this mode. Scale and Analysis modes have different options in configuration mode:
configuration for Scale mode is described in Section 2.4, and configuration for Analysis mode is
described in Section 3.4.
3
SBAU120B
– November 2005 – Revised July 2011
ADS1232REF User
's Guide
Submit Documentation Feedback
Copyright
© 2005–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com