Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATC600F Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ATC600F
Description  Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC600F Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ATC600F Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC600F Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC600F Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC600F Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Sales of ATC products are subject to the terms and conditions contained in American Technical Ceramics Corp. Terms and Conditions of Sale(ATC document #001-992 Rev. B 12/05). Copies
of these terms and conditions will be provided upon request. They may also be viewed on ATC's website at www.atceramics.com/productfinder/default.asp. Click on the link for Terms and
Conditions of Sale.
ATC has made every effort to have this information as accurate as possible. However, no responsibility is assumed by ATC for its use, nor for any infringements of rights of third parties which
may result from its use. ATC reserves the right to revise the content or modify its product without prior notice.
© 2002 American Technical Ceramics Corp. All Rights Reserved.
ATC 001-956 Rev. M; 12/09
Design Kits Each Kit contains a selection of standard capacitor values for circuit prototyping.
For Online Kit Orders, Catalog & Application Notes, Visit: www.atceramics.com
Price
Kit #
Cap. Value
Range (pF)
Cap. Values
(pF)
Description
Kit
32T
0.1 to 2.0
0.1, 0.2, 0.3, 0.4, 0.5, 0.6, 0.7, 0.8, 0.9,
1.0, 1.1, 1.2, 1.5
$90.00
600F Series Ultra-low ESR,
High Q Microwave Capacitors
16 different values, 15 pcs. min. per valuE
Kit
33T
1.0 to 10
1.0, 1.2, 1.5, 1.8, 2.0, 2.2, 2.4, 2.7, 3.0, 3.3
3.9, 4.7, 5.6, 6.8, 8.2
10
$90.00
600F Series Ultra-low ESR,
High Q Microwave Capacitors
16 different values, 15 pcs. min. per value
Kit
34T
10 to 100
600F Series Ultra-low ESR,
High Q Microwave Capacitors
16 different values, 15 pcs. min. per value
Kit
35T
100 to 240
100, 120, 150, 180, 200, 220, 240
600F Series Ultra-low ESR,
High Q Microwave Capacitors
7 different values, 15 pcs. min. per value
Item #
DK0032T
DK0033T
DK0034T
DK0035T
10, 12, 15, 18, 20, 22, 24, 27, 30, 33, 39,
47, 56, 68, 82, 100
±0.1
Tol.
(pF)
1.6, 1.8, 2.0
±0.25
±0.1
±0.25
±5%
$90.00
$50.00
±5%
±5%
ATC 600F Series Ultra-Low ESR, High Q NPO RF & Microwave Capacitors
Suggested Mounting Pad Dimensions
Vertical
ElectrodeOrientation
Horizontal
ElectrodeOrientation
B
A
C
D
B
Inches(mm)
0402(1005)
AMin. BMin. CMin. DMin.
CaseSize
0603 (1608)
0805 (2012)
.1259
(3.20)
.110
(2.80)
.0866
(2.20)
.0157
(0.40)
.0275
(0.70)
.0393
(1.00)
.0590
(1.50)
.0354
(0.90)
.0433
(1.10)
.0512
(1.30)
.0236
(0.60)
.0236
(0.60)
CaseSizesL,SandF
T
W
T
W
L
L
Y
L
T
W
F (0805)
Outline Dimensions
L: .079 ± .008 (2.01 ± 0.20)
W: .049 ± .008 (1.24 ± 0.20)
T: .051 max. (1.30 max.)
Y: .020 ± 0.01 (0.51 ± 0.25)
Inches (mm)
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com