Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATCHP0402 Datasheet(PDF) 2 Page - Qimonda AG

Part # ATCHP0402
Description  HIGH PERFORMANCE NPO CERAMIC MLCS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

ATCHP0402 Datasheet(HTML) 2 Page - Qimonda AG

  ATCHP0402 Datasheet HTML 1Page - Qimonda AG ATCHP0402 Datasheet HTML 2Page - Qimonda AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ATC HP 0402 SERIES HIGH PERFORMANCE NPO CERAMIC MLCS
2
For additional information and catalogs contact your ATC representative or call direct at (+1-631) 622-4700.
Consult factory for additional performance data.
CAP.
CODE
CAP.
(pF)
TOL.
RATED
WVDC
CAP.
CODE
CAP.
(pF)
TOL.
RATED
WVDC
CAP.
CODE
CAP.
(pF)
TOL.
RATED
WVDC
CAP.
CODE
CAP.
(pF)
TOL.
RATED
WVDC
0R2
0.2
B, C
50
1R4
1.4
3R3
3.3
100
10
0R3
0.3
1R5
1.5
3R6
3.6
110
11
0R4
0.4
1R6
1.6
3R9
3.9
120
12
0R5
0.5
1R7
1.7
4R3
4.3
130
13
0R6
0.6
B, C, D
1R8
1.8
4R7
4.7
B, C, D
150
15
0R7
0.7
1R9
1.9
B, C, D
50
5R1
5.1
50
180
18
F, G, J
50
0R8
0.8
2R0
2.0
5R6
5.6
200
20
0R9
0.9
2R1
2.1
6R2
6.2
220
22
1R0
1.0
2R2
2.2
6R8
6.8
240
24
1R1
1.1
2R4
2.4
7R5
7.5
B, C
270
27
1R2
1.2
2R7
2.7
8R2
8.2
300
30
1R3
1.3
3R0
3.0
9R1
9.1
Capacitance Values:
Part Number Code
0402
HP
1R
0
C
T
50
T
Size Code
Packaging: T=7” Reel,
0402: 10,000 piece reel
Series
First 2 Signficant Digits For Capacity
WVDC
Indicates number of zeros following digits of
capacitance in picofarads R=Decimal Point
Capacitance Tolerance:
Terminataion Code:
T = Tin plated over Nickel Barrier (Standard),
RoHS Compliant
CAPACITANCE TOLERANCE
Code
B
C
G
Tol.
±0.1 pF ±0.25 pF
D
±0.5 pF
F
±1%
±2%
J
±5%
T
he above part number refers to an ATC HP 0402 Series 1.0 pF capacitor,
C tolerance (±0.25 pF), 50 WVDC, with T termination (Tin Plated over Nickel Barrier), on 7 inch reel.
Sales of ATC products are subject to the terms and conditions contained in American Technical Ceramics Corp. Terms and Conditions of Sale(ATC document #001-992 Rev. B 12/05).
Copies of these terms and conditions will be provided upon request. They may also be viewed on ATC's website at www.atceramics.com/productfinder/default.asp. Click on the link
for Terms and Conditions of Sale.
ATC has made every effort to have this information as accurate as possible. However, no responsibility is assumed by ATC for its use, nor for any infringements of rights of third parties
which may result from its use. ATC reserves the right to revise the content or modify its product without prior notice.
© 2011 American Technical Ceramics. All Rights Reserved.
Excerpt from ATC 001-1103 Rev. C; 7/12
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com