Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATCHP0805 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ATCHP0805
Description  HIGH PERFORMANCE NPO CERAMIC MLCS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATCHP0805 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ATCHP0805 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATCHP0805 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ATC HP 0805 SERIES HIGH PERFORMANCE NPO CERAMIC MLCS
2
For additional information and catalogs contact your ATC representative or call direct at (+1-631) 622-4700.
Consult factory for additional performance data.
Part Number Code
0805
HP
10
1
J
T
250
T
Size Code
Packaging: T=7” Reel,
0805: 2,000 piece reel
Series
First 2 Signficant Digits For Capacity
WVDC
Indicates number of zeros following digits of
capacitance in picofarads R=Decimal Point
Capacitance Tolerance:
Terminataion Code:
T = Tin plated over Nickel Barrier (Standard),
RoHS Compliant
CAPACITANCE TOLERANCE
Code
B
C
GK
Tol.
±0.1 pF ±0.25 pF
D
±0.5 pF
F
±1%
±2%
±10%
J
±5%
T
he above part number refers to an ATC HP 0805 Series 100 pF capacitor,
F tolerance (±1%), 250 WVDC, with T termination (Tin Plated over Nickel Barrier), on 7 inch reel.
CAP.
CODE
CAP.
(pF)
TOL.
RATED
WVDC
CAP.
CODE
CAP.
(pF)
TOL.
RATED
WVDC
CAP.
CODE
CAP.
(pF)
TOL.
RATED
WVDC
CAP.
CODE
CAP.
(pF)
TOL.
RATED
WVDC
1R0
1.0
B, C, D
250
3R0
3.0
110
11
470
47
1R1
1.1
3R3
3.3
120
12
510
51
1R2
1.2
3R6
3.6
130
13
560
56
1R3
1.3
3R9
3.9
150
15
680
68
1R4
1.4
4R3
4.3
180
18
750
75
1R5
1.5
4R7
4.7
200
20
820
82
1R6
1.6
5R1
5.1
220
22
910
91
1R7
1.7
5R6
5.6
240
24
101
100
1R8
1.8
6R2
6.2
270
27
111
110
1R9
1.9
6R8
6.8
300
30
121
120
2R0
2.0
7R5
7.5
330
33
131
130
2R1
2.1
8R2
8.2
360
36
141
140
2R2
2.2
9R1
9.1
390
39
151
150
2R4
2.4
100
10
F, G, J, K
430
43
161
160
2R7
2.7
Capacitance Values:
B, C, D
F, G, J, K
B, C
250
250
F, G, J, K
250
Sales of ATC products are subject to the terms and conditions contained in American Technical Ceramics Corp. Terms and Conditions of Sale(ATC document #001-992 Rev. B 12/05).
Copies of these terms and conditions will be provided upon request. They may also be viewed on ATC's website at www.atceramics.com/productfinder/default.asp. Click on the link
for Terms and Conditions of Sale.
ATC has made every effort to have this information as accurate as possible. However, no responsibility is assumed by ATC for its use, nor for any infringements of rights of third parties
which may result from its use. ATC reserves the right to revise the content or modify its product without prior notice.
© 2011 American Technical Ceramics. All Rights Reserved.
Excerpt from ATC 001-1103 Rev. C; 7/12
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com