Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATCHP1210 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ATCHP1210
Description  HIGH PERFORMANCE NPO CERAMIC MLCS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATCHP1210 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ATCHP1210 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATCHP1210 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ATC HP 1210 SERIES HIGH PERFORMANCE NPO CERAMIC MLCS
2
CAP.
CODE
CAP.
(pF)
TOL.
RATED
WVDC
CAP.
CODE
CAP.
(pF)
TOL.
RATED
WVDC
CAP.
CODE
CAP.
(pF)
TOL.
RATED
WVDC
CAP.
CODE
CAP.
(pF)
TOL.
RATED
WVDC
1R0
1.0
200
4R3
4.3
300
30
181
180
1R1
1.1
4R7
4.7
330
33
201
200
1R2
1.2
5R1
5.1
360
36
221
220
1R3
1.3
5R6
5.6
390
39
271
270
1R4
1.4
6R2
6.2
430
43
301
300
1R5
1.5
6R8
6.8
470
47
331
330
1R6
1.6
7R5
7.5
510
51
361
360
1R7
1.7
8R2
8.2
560
56
391
390
1R8
1.8
9R1
9.1
680
68
431
430
1R9
1.9
100
10
750
75
471
470
2R0
2.0
110
11
820
82
511
510
2R1
2.1
120
12
910
91
561
560
2R2
2.2
130
13
101
100
621
620
2R4
2.4
150
15
111
110
681
680
2R7
2.7
180
18
121
120
751
750
3R0
3.0
200
20
131
130
821
820
3R3
3.3
220
22
141
140
911
910
3R6
3.6
240
24
151
150
102
1000
3R9
3.9
270
27
161
160
Capacitance Values:
For additional information and catalogs contact your ATC representative or call direct at (+1-631) 622-4700.
Consult factory for additional performance data.
Part Number Code
1210
HP
10
1
J
T
200
T
Size Code
Packaging: T=7” Reel,
1210: 2,000 piece reel
Series
First 2 Signficant Digits For Capacity
WVDC
Indicates number of zeros following digits of
capacitance in picofarads R=Decimal Point
Capacitance Tolerance:
Terminataion Code:
T = Tin plated over Nickel Barrier (Standard),
RoHS Compliant
F, G, J, K
B, C, D
B, C, D
B, C
200
F, G, J, K
200
200
F, G, J, K
100
Code
B
C
GK
Tol.
±0.1 pF ±0.25 pF
D
±0.5 pF
F
±1%
±2%
±10%
J
±5%
T
he above part number refers to an ATC HP 1210 Series 100 pF capacitor,
F tolerance (±1%), 200 WVDC, with T termination (Tin Plated over Nickel Barrier), on 7 inch reel.
Sales of ATC products are subject to the terms and conditions contained in American Technical Ceramics Corp. Terms and Conditions of Sale(ATC document #001-992 Rev. B 12/05).
Copies of these terms and conditions will be provided upon request. They may also be viewed on ATC's website at www.atceramics.com/productfinder/default.asp. Click on the link
for Terms and Conditions of Sale.
ATC has made every effort to have this information as accurate as possible. However, no responsibility is assumed by ATC for its use, nor for any infringements of rights of third parties
which may result from its use. ATC reserves the right to revise the content or modify its product without prior notice.
© 2011 American Technical Ceramics. All Rights Reserved.
Excerpt from ATC 001-1103 Rev. C; 7/12
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com