Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATCHVR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATCHVR
Description  RESISTIVE PRODUCTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATCHVR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATCHVR Datasheet HTML 1Page - List of Unclassifed Manufacturers ATCHVR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A T C H V R S E R I E S R E S I S T I V E P R O D U C T S
ATC HVR Series Resistors
Features:
• EIA 0402 Case Size
• Power Rating: 125 mW
• Operating Temperature:
-40°C to +125°C
• 100% Laser Trimming for
Tight Tolerances
ATC // AVX Thin Film Technologies is pleased to introduce
the HVR Series next generation of surface mount High
Value Resistors. This product was designed with our pro-
prietary Glass Sandwich Flexiterm® Technology, (GSFT).
The Flexiterm® is a surface mountable automotive qual-
ified termination that adds an extra margin against
damage due to flexture during installation.
The HVR Series has been designed with high quality
selected materials that yield excellent performance.
This product is ideal for use in applications requir-
ing surface mountable small outline EIA resistors.
ATC # 001-1110
Rev A, 5/12
Resistor
Detail
Outline
EIA 0402
Package
Glass wafer sandwich
Maxiumum Voltage
1 KV
Resistance Value Range
From 2.2 M
Ω
to 20 M
Ω
Termination
Flexiterm® (Ag/Epoxy), plated
Power Rating
125 mW
Operating Temperature Range
-40°C to +125°C
Tolerances
1%, 5%
Specifications
Applications:
• Multi Chip Module (MCM)
• Bias Networks
• Test and Measurement Equipment
• Aerospace
• Medical
• Automotive


Similar Part No. - ATCHVR

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
ATCH-16A CONTEC-ATCH-16A Datasheet
175Kb / 1P
16Ch Extension sub board
logo
Qimonda AG
ATCHP0402 QIMONDA-ATCHP0402 Datasheet
80Kb / 2P
HIGH PERFORMANCE NPO CERAMIC MLCS
logo
List of Unclassifed Man...
ATCHP0603 ETC2-ATCHP0603 Datasheet
79Kb / 2P
HIGH PERFORMANCE NPO CERAMIC MLCS
ATCHP0805 ETC2-ATCHP0805 Datasheet
73Kb / 2P
HIGH PERFORMANCE NPO CERAMIC MLCS
ATCHP1210 ETC2-ATCHP1210 Datasheet
78Kb / 2P
HIGH PERFORMANCE NPO CERAMIC MLCS
More results

Similar Description - ATCHVR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
RP42010RXXXXGTTR AVX-RP42010RXXXXGTTR Datasheet
228Kb / 2P
High Power Resistive Products
RP60300R0100JNBK AVX-RP60300R0100JNBK Datasheet
1Mb / 8P
High Power Resistive Products
RPA0300T0050JNBK AVX-RPA0300T0050JNBK Datasheet
366Kb / 3P
High Power Resistive Products
RP92010T0050GTTR AVX-RP92010T0050GTTR Datasheet
35Kb / 1P
High Power Resistive Products
logo
Axiomtek Co., Ltd.
P6122 AXIOMTEK-P6122 Datasheet
276Kb / 2P
Resistive touchscreen
logo
List of Unclassifed Man...
CR1 ETC2-CR1 Datasheet
59Kb / 1P
ATC HIGH POWER RESISTIVE PRODUCTS
logo
Johanson Technology Inc...
RF400BB13 JOHANSON-RF400BB13 Datasheet
550Kb / 21P
resistive products
logo
Murata Manufacturing Co...
RX5000 MURATA-RX5000 Datasheet
239Kb / 10P
RFM products are now Murata products
RX5501 MURATA-RX5501 Datasheet
227Kb / 10P
RFM products are now Murata products
logo
Marki Microwave
PD-0030 MARKIMICROWAVE-PD-0030 Datasheet
468Kb / 2P
RESISTIVE POWER DIVIDER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com