Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV641DL121RPCEN Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM29LV641DL121RPCEN
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI Control
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV641DL121RPCEN Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM29LV641DL121RPCEN Datasheet HTML 8Page - Advanced Micro Devices AM29LV641DL121RPCEN Datasheet HTML 9Page - Advanced Micro Devices AM29LV641DL121RPCEN Datasheet HTML 10Page - Advanced Micro Devices AM29LV641DL121RPCEN Datasheet HTML 11Page - Advanced Micro Devices AM29LV641DL121RPCEN Datasheet HTML 12Page - Advanced Micro Devices AM29LV641DL121RPCEN Datasheet HTML 13Page - Advanced Micro Devices AM29LV641DL121RPCEN Datasheet HTML 14Page - Advanced Micro Devices AM29LV641DL121RPCEN Datasheet HTML 15Page - Advanced Micro Devices AM29LV641DL121RPCEN Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
September 20, 2002
Am29LV640D/Am29LV641D
11
DEVICE BUS OPERATIONS
This section describes the requirements and use of
the device bus operations, which are initiated through
the internal command register. The command register
itself does not occupy any addressable memory loca-
tion. The register is a latch used to store the com-
mands, along with the address and data information
needed to execute the command. The contents of the
register serve as inputs to the internal state machine.
The state machine outputs dictate the function of the
device. Table 1 lists the device bus operations, the in-
puts and control levels they require, and the resulting
output. The following subsections describe each of
these operations in further detail.
Table 1.
Device Bus Operations
Legend: L = Logic Low = V
IL, H = Logic High = VIH, VID = 8.5–12.5 V, VHH = 11.5–12.5 V, X = Don’t Care, SA = Sector Address,
A
IN = Address In, DIN = Data In, DOUT = Data Out
Notes:
1. Addresses are A21:A0. Sector addresses are A21:A15.
2. The sector protect and sector unprotect functions may also be implemented via programming equipment. See the “Sector Group
Protection and Unprotection” section.
3. If WP# = V
IL, the first or last sector remains protected. If WP# = VIH, the first or last sector will be protected or unprotected as
determined by the method described in “Sector Group Protection and Unprotection”. All sectors are unprotected when shipped
from the factory (The SecSi Sector may be factory protected depending on version ordered.)
4. D
IN or DOUT as required by command sequence, data polling, or sector protect algorithm (see Figure 2).
VersatileIO
 (V
IO) Control
The VersatileIO™ (V
IO) control allows the host system
to set the voltage levels that the device generates and
tolerates on CE# and DQ I/Os to the same voltage
level that is asserted on V
IO. VIO is available in two
configurations (1.8–2.9 V and 3.0–5.0 V) for operation
in various system environments.
For example, a V
I/O of 4.5–5.0 volts allows for I/O at
the 5 volt level, driving and receiving signals to and
from other 5 V devices on the same data bus.
Requirements for Reading Array Data
To read array data from the outputs, the system must
drive the CE# and OE# pins to V
IL. CE# is the power
control and selects the device. OE# is the output con-
trol and gates array data to the output pins. WE#
should remain at V
IH.
The internal state machine is set for reading array data
upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory
content occurs during the power transition. No com-
mand is necessary in this mode to obtain array data.
Standard microprocessor read cycles that assert valid
addresses on the device address inputs produce valid
Operation
CE#
OE#
WE#
RESET#
WP#
ACC
Addresses
(Note 2)
DQ0–
DQ15
Read
L
L
H
H
XX
A
IN
D
OUT
Write (Program/Erase)
L
H
L
H
(Note 3)
X
AIN
(Note 4)
Accelerated Program
L
H
L
H
(Note 3)
V
HH
A
IN
(Note 4)
Standby
VCC ±
0.3 V
XX
VCC ±
0.3 V
XH
X
High-Z
Output Disable
L
H
H
H
XX
X
High-Z
Reset
X
X
X
L
XX
X
High-Z
Sector Group Protect (Note 2)
L
H
L
VID
HX
SA, A6 = L,
A1 = H, A0 = L
(Note 4)
Sector Group Unprotect
(Note 2)
LH
L
VID
HX
SA, A6 = H,
A1 = H, A0 = L
(Note 4)
Temporary Sector Group
Unprotect
XX
X
V
ID
HX
A
IN
(Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com