Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CS1
Description  Style CS1 and Style CW
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CS1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CS1 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A T C H I G H P O W E R R E S I S T I V E P R O D U C T S
0
20
40
60
80
100%
+25˚C
-25˚C
0˚C
-50˚C
150˚C
125˚C
100˚C
75˚C
+50˚C
Heat Sink Temperature (C)
Rated Safe Operating Range
Surface Mount
Chip Resistors
Style CS1 and Style CW
General Specifications
• Resistance: 100 Ω standard,
(other Ω values available)
• Resistive Tolerance: ±2% standard
• Operating Temp Range: -55 to +150˚C
• Temperature Coefficient: <150 ppm/˚C
• Resistive Elements: Proprietary Thin Film
• Substrate Material: Aluminum Nitride
• Terminals: Silver over Nickel
• Lead-Free, RoHS Compliant
• Reliability: MIL-PRF-55342
• Tape and Reel Specifications:
See Page 39 of the full Resistive Products Catalog
CS1 2010 T xxxx J TR
Case Style
Case Size
Termination
Packaging
TR - Tape & Reel
BK - Plastic Carrier
Tolerance
See table below.
Value
ATC Part Number Code
Power Derating
Resistive Tolerances
Code
G (%)
J (%)
Tol.
± 2
± 5
* xxxx denotes Ohm value.
** Test Condition: Chip soldered to a via patch on a 30-mil-thick Rogers RO4350 board;
Land surfaces at 100° C; maximum rated power applied.
Specification: The resistance of the film shall change no more than 0.5% during and after a 1000-hr. Burn-in per Mil-PRF-55342.
WT
W
L
LA
LT
T
Top
View
StyleCS
StyleCW
Side
View
Bottom
View
Overcoat
WT
W
LT
T
L
ATC
W
L
T
WT
LT
LA
Capacitance
Power Max**
Part Number*
±.010 ±.010 ±.005 ±.005 ±.005 ±.005
(pF)
(Watts)
CS12010TxxxxG
.100
.200
.040
.090
.030
.095
.95 pF
10W
CS12525TxxxxG
.245
.245
.040
.120
.040
.110
1.85 pF
20W
CS13725TxxxxG
.250
.375
.040
.120
.050
.195
3.0 pF
30W
CS13737TxxxxG
.370
.370
.040
.360
.050
.195
3.5 pF
40W
ATC
W
L
T
WT
LT
Power Max**
Part Number*
±.010
±.010
±.005
±.005
±.005
(Watts)
CW12010TxxxxG
.100
.200
.040
.090
.030
4W
CW12525TxxxxG
.245
.245
.040
.120
.040
6W
CW13725TxxxxG
.250
.375
.040
.120
.050
8W
CW13737TxxxxG
.370
.370
.040
.360
.050
10W
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com
Sales of ATC products are subject to the terms and conditions contained in American Technical Ceramics Corp. Terms and Conditions of Sale (ATC document #001-992 Rev. B 12/05).
Copies of these terms and conditions will be provided upon request. They may also be viewed on ATC's website at www.atceramics.com/productfinder/default.asp. Click on the link
for Terms and Conditions of Sale.
ATC has made every effort to have this information as accurate as possible. However, no responsibility is assumed by ATC for its use, nor for any infringements of rights of third
parties which may result from its use. ATC reserves the right to revise the content or modify its product without prior notice.
© 2012 American Technical Ceramics Corp. All Rights Reserved.
Excerpt from ATC # 001-944; Rev. R, 11/13


Similar Part No. - CS1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CS1 COOPER-CS1 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
fujitsu semiconductor
CS1 FUJITSU-CS1 Datasheet
563Kb / 56P
2ch DC/DC converter IC with PFM/ PWM synchronous rectification
logo
List of Unclassifed Man...
CS10 ETC1-CS10 Datasheet
124Kb / 2P
CS10
CS10 ETC2-CS10 Datasheet
794Kb / 1P
AT-CUT CRYSTAL UNIT
logo
Token Electronics Indus...
CS10 TOKEN-CS10 Datasheet
427Kb / 8P
CS Current Detecting Chip Resistors
More results

Similar Description - CS1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DO204AL ETC-DO204AL Datasheet
13Kb / 1P
CASE STYLE AND DIMENSIONS
logo
Glenair, Inc.
380AS099XM08 GLENAIR-380AS099XM08 Datasheet
363Kb / 2P
Composite Cone and Ring Style
380AS100XM08 GLENAIR-380AS100XM08 Datasheet
315Kb / 2P
Composite Cone and Ring Style
logo
3M Electronics
4488 3M-4488 Datasheet
80Kb / 3P
Compression Style Connector and Assembly Instructions
Rev 100
logo
List of Unclassifed Man...
PB-1577 ETC2-PB-1577 Datasheet
97Kb / 1P
PLASTICASE (STYLE A)
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
TeSys??IEC-Style Contactors and Starters
LC1D18F7 ETC2-LC1D18F7 Datasheet
13Mb / 252P
TeSys??IEC-Style Contactors and Starters
logo
Bud Industries, Inc.
HH-3550 BUD-HH-3550 Datasheet
45Kb / 1P
GRABBER STYLE I
HH-3570-B BUD-HH-3570-B Datasheet
114Kb / 1P
GRABBER STYLE J
logo
Caddock Electronics, In...
MP800 CADDOCK-MP800_17 Datasheet
522Kb / 2P
TO-220 Style and TO-126 Style - Non-Inductive Designs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com