Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6823TYRJ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM6823TYRJ-R7
Description  Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6823TYRJ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADM6823TYRJ-R7 Datasheet HTML 1Page - Analog Devices ADM6823TYRJ-R7 Datasheet HTML 2Page - Analog Devices ADM6823TYRJ-R7 Datasheet HTML 3Page - Analog Devices ADM6823TYRJ-R7 Datasheet HTML 4Page - Analog Devices ADM6823TYRJ-R7 Datasheet HTML 5Page - Analog Devices ADM6823TYRJ-R7 Datasheet HTML 6Page - Analog Devices ADM6823TYRJ-R7 Datasheet HTML 7Page - Analog Devices ADM6823TYRJ-R7 Datasheet HTML 8Page - Analog Devices ADM6823TYRJ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Low Voltage Supervisory Circuits with
Watchdog and Manual Reset in 5-Lead SOT-23
ADM6821/ADM6822/ADM6823/ADM6824/ADM6825
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Precision low voltage monitoring
9 reset threshold options: 1.58 V to 4.63 V
140 ms (min) reset timeout
Watchdog timer with 1.6 sec timeout
Manual reset input
Reset output stages
Push-pull active-low
Open-drain active-low
Push-pull active-high
Low power consumption (7 μA)
Guaranteed reset output valid to VCC = 1 V
Power supply glitch immunity
Specified from −40°C to +125°C
5-lead SOT-23 package
APPLICATIONS
Microprocessor systems
Computers
Controllers
Intelligent instruments
Portable equipment
FUNCTIONAL BLOCK DIAGRAM
ADM6823
VCC
VCC
MR
GND
WDI
RESET
RESET
GENERATOR
WATCHDOG
DETECTOR
DEBOUNCE
VREF
Figure 1.
GENERAL DESCRIPTION
The ADM682x are supervisory circuits that monitor power
supply voltage levels and code execution integrity in
microprocessor-based systems. As well as providing power-on
reset signals, an on-chip watchdog timer can reset the
microprocessor if it fails to strobe within a preset timeout
period. A reset signal can also be asserted by means of an
external push-button through a manual reset input. The parts
feature different combinations of watchdog input and manual
reset input and output stage configurations, as shown in Table 1.
Each part is available in nine reset threshold options, ranging
from 1.58 V to 4.63 V. The reset and watchdog timeout periods
are fixed at 140 ms (min) and 1.6 sec (typ), respectively.
The ADM682x are available in 5-lead SOT-23 packages and
typically consume only 7 μA, making them suitable for use in
low power, portable applications.
Table 1. Selection Table
Output Stage
Part No.
Watchdog Timer
Manual Reset
RESET
RESET
ADM6821
Yes
Yes
-
Push-Pull
ADM6822
Yes
Yes
Open-Drain
-
ADM6823
Yes
Yes
Push-Pull
-
ADM6824
Yes
-
Push-Pull
Push-Pull
ADM6825
-
Yes
Push-Pull
Push-Pull


Similar Part No. - ADM6823TYRJ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6823TYRJ-R7 AD-ADM6823TYRJ-R7 Datasheet
218Kb / 12P
Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-
REV. B
More results

Similar Description - ADM6823TYRJ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6316 AD-ADM6316 Datasheet
255Kb / 11P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
ADM6821 AD-ADM6821 Datasheet
132Kb / 7P
Low Voltage Supervisory Circuits with Watchdog & Manual Reset in 5-Lead SOT-23
ADM6320CZ29ARJZ-R7 AD-ADM6320CZ29ARJZ-R7 Datasheet
254Kb / 16P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319C46ARJZ-RL7 AD-ADM6319C46ARJZ-RL7 Datasheet
254Kb / 16P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CY29ARJZ-R7 AD-ADM6320CY29ARJZ-R7 Datasheet
254Kb / 16P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM8316WBX30ARJZR7 AD-ADM8316WBX30ARJZR7 Datasheet
314Kb / 16P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8321WAY30ARJZR7 AD-ADM8321WAY30ARJZR7 Datasheet
314Kb / 16P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6316 AD-ADM6316_15 Datasheet
254Kb / 16P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6317 AD-ADM6317_15 Datasheet
254Kb / 16P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320 AD-ADM6320_15 Datasheet
254Kb / 16P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com