Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6824TYRJZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM6824TYRJZ-R7
Description  Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6824TYRJZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADM6824TYRJZ-R7 Datasheet HTML 1Page - Analog Devices ADM6824TYRJZ-R7 Datasheet HTML 2Page - Analog Devices ADM6824TYRJZ-R7 Datasheet HTML 3Page - Analog Devices ADM6824TYRJZ-R7 Datasheet HTML 4Page - Analog Devices ADM6824TYRJZ-R7 Datasheet HTML 5Page - Analog Devices ADM6824TYRJZ-R7 Datasheet HTML 6Page - Analog Devices ADM6824TYRJZ-R7 Datasheet HTML 7Page - Analog Devices ADM6824TYRJZ-R7 Datasheet HTML 8Page - Analog Devices ADM6824TYRJZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADM6821/ADM6822/ADM6823/ADM6824/ADM6825
Rev. 0 | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VCC
−0.3 V to +6 V
Output Current (RESET, RESET)
20 mA
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
θJA Thermal Impedance
170°C/W
Soldering Temperature
Sn/Pb
240°C, 30 sec
Pb-Free
260°C, 40 sec
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com