Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6825TYRJZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM6825TYRJZ-R7
Description  Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6825TYRJZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM6825TYRJZ-R7 Datasheet HTML 3Page - Analog Devices ADM6825TYRJZ-R7 Datasheet HTML 4Page - Analog Devices ADM6825TYRJZ-R7 Datasheet HTML 5Page - Analog Devices ADM6825TYRJZ-R7 Datasheet HTML 6Page - Analog Devices ADM6825TYRJZ-R7 Datasheet HTML 7Page - Analog Devices ADM6825TYRJZ-R7 Datasheet HTML 8Page - Analog Devices ADM6825TYRJZ-R7 Datasheet HTML 9Page - Analog Devices ADM6825TYRJZ-R7 Datasheet HTML 10Page - Analog Devices ADM6825TYRJZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADM6821/ADM6822/ADM6823/ADM6824/ADM6825
Rev. 0 | Page 7 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
120
–40
–20
0
20
40
60
80
100
10.0
9.5
7.5
7.0
6.5
9.0
8.5
8.0
6.0
5.5
5.0
4.5
4.0
3.5
VCC = 5V
VCC = 3.3V
VCC = 1.5V
Figure 6. Supply Current vs. Temperature
TEMPERATURE (°C)
120
–40
0
–20
40
20
100
80
60
1.20
1.15
1.10
1.05
0.95
1.00
0.90
0.85
0.80
Figure 7. Normalized RESET Timeout Period vs. Temperature
TEMPERATURE (°C)
120
–40
0
–20
40
20
100
80
60
100
90
80
60
70
40
50
20
10
30
0
Figure 8. VCC to RESET Output Delay vs. Temperature
TEMPERATURE (°C)
120
–40
0
–20
40
20
100
80
60
1.20
1.15
1.10
1.05
1.00
0.95
0.90
Figure 9. Normalized Watchdog Timeout Period vs. Temperature
TEMPERATURE (°C)
120
–40
0
–20
40
20
100
80
60
1.05
1.03
1.04
1.01
1.02
0.99
1.00
0.97
0.98
0.95
0.96
Figure 10. Normalized RESET Threshold vs. Temperature
RESET THRESHOLD OVERDRIVE (mV)
1000
10
100
160
120
140
100
60
80
20
40
0
VCC = 4.63V
VCC = 2.93V
Figure 11. Maximum VCC Transient Duration vs. RESET Threshold Overdrive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com