Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1706ARDZ-0.8-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1706ARDZ-0.8-R7
Description  1 A, Low Dropout, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1706ARDZ-0.8-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1706ARDZ-0.8-R7 Datasheet HTML 1Page - Analog Devices ADP1706ARDZ-0.8-R7 Datasheet HTML 2Page - Analog Devices ADP1706ARDZ-0.8-R7 Datasheet HTML 3Page - Analog Devices ADP1706ARDZ-0.8-R7 Datasheet HTML 4Page - Analog Devices ADP1706ARDZ-0.8-R7 Datasheet HTML 5Page - Analog Devices ADP1706ARDZ-0.8-R7 Datasheet HTML 6Page - Analog Devices ADP1706ARDZ-0.8-R7 Datasheet HTML 7Page - Analog Devices ADP1706ARDZ-0.8-R7 Datasheet HTML 8Page - Analog Devices ADP1706ARDZ-0.8-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1 A, Low Dropout,
CMOS Linear Regulator
ADP1706/ADP1707/ADP1708
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Maximum output current: 1 A
Input voltage range: 2.5 V to 5.5 V
Low shutdown current: <1 μA
Low dropout voltage: 345 mV @ 1 A load
Initial accuracy: ±1%
Accuracy over line, load, and temperature: ±2.5%
16 fixed output voltage options with soft start:
0.75 V to 3.3 V (ADP1706)
16 fixed output voltage options with tracking
0.75 V to 3.3 V (ADP1707)
Adjustable output voltage option:
0.8 V to 5.0 V (ADP1708)
Stable with small 4.7 μF ceramic output capacitor
Excellent load/line transient response
Current limit and thermal overload protection
Logic-controlled enable
Available in an 8-lead, exposed paddle SOIC and
3 mm × 3 mm, 8-lead exposed paddle LFCSP
APPLICATIONS
Notebook computers
Memory components
Telecommunications equipment
Network equipment
DSP/FPGA/microprocessor supplies
Instrumentation equipment/data acquisition systems
TYPICAL APPLICATION CIRCUITS
SS
1
SENSE
2
OUT
3
OUT
4
EN
8
GND
7
IN
6
IN
5
ADP1706
10nF
VOUT = 3.3V
VIN = 5V
4.7µF
4.7µF
Figure 1. ADP1706 with Fixed Output Voltage, 3.3 V
ADP1707
TRK
1
SENSE
2
OUT
3
OUT
4
EN
8
GND
7
IN
6
IN
5
VOUT
VTRK
VIN = 5V
4.7µF
4.7µF
3
2
1
0 123 45
VOUT (V)
VTRK (V)
Figure 2. ADP1707 with Output Voltage Tracking
ADP1708
ADJ
1
SENSE
2
OUT
3
OUT
4
EN
8
GND
7
IN
6
IN
5
VOUT = 0.8V(1 + R1/R2)
VIN = 5V
4.7µF
4.7µF
R1
R2
Figure 3. ADP1708 with Adjustable Output Voltage, 0.8 V to 5.0 V
GENERAL DESCRIPTION
The ADP1706/ADP1707/ADP1708 are CMOS, low dropout
linear regulators that operate from 2.5 V to 5.5 V and provide
up to 1 A of output current. Using an advanced proprietary
architecture, they provide high power supply rejection and
achieve excellent line and load transient response with a small
4.7 μF ceramic output capacitor.
The ADP1706/ADP1707 are available in 16 fixed output volt-
age options. The ADP1708 is available in an adjustable version,
which allows output voltages that range from 0.8 V to 5.0 V via
an external divider. The ADP1706 allows an external soft start
capacitor to be connected to program the start-up time; the
ADP1707 and ADP1708 contain internal soft start capacitors
that give a typical start-up time of 100 μs. The ADP1707
includes a tracking feature that allows the output to follow an
external voltage rail or reference.
The ADP1706/ADP1707/ADP1708 are available in an 8-lead,
exposed paddle SOIC package and an 8-lead, 3 mm × 3 mm
exposed paddle LFCSP, making them not only very compact
solutions but also providing excellent thermal performance for
applications requiring up to 1 A of output current in a small,
low profile footprint.


Similar Part No. - ADP1706ARDZ-0.8-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1706ARDZ-0.8-R7 AD-ADP1706ARDZ-0.8-R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1706ARDZ-0.8-R7 AD-ADP1706ARDZ-0.8-R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
More results

Similar Description - ADP1706ARDZ-0.8-R7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
logo
Analog Devices
ADP1740 AD-ADP1740 Datasheet
165Kb / 6P
2 A, Low Dropout, CMOS Linear Regulator
Rev. PrA
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
1 A Low Dropout Positive Low Dropout Linear Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
logo
Analog Devices
ADP1706 AD-ADP1706 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1706ARDZ-0.75R7 AD-ADP1706ARDZ-0.75R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1707ACPZ-1.8-R7 AD-ADP1707ACPZ-1.8-R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1708ARDZ-R7 AD-ADP1708ARDZ-R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
Texas Instruments
LP38690-ADJ TI1-LP38690-ADJ_16 Datasheet
1Mb / 27P
1-A Low Dropout CMOS Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com