Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1706ARDZ-1.0-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1706ARDZ-1.0-R7
Description  1 A, Low Dropout, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1706ARDZ-1.0-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1706ARDZ-1.0-R7 Datasheet HTML 12Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 13Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 14Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 15Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 16Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 17Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 18Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 19Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADP1706/ADP1707/ADP1708
Rev. 0 | Page 16 of 20
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-012-A A
CONTROLLING DIMENSIONS ARE IN MILLIMETER; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.050)
0.40 (0.016)
0.50 (0.020)
0.25 (0.010)
45°
1.75 (0.069)
1.35 (0.053)
1.65 (0.065)
1.25 (0.049)
SEATING
PLANE
85
4
1
5.00 (0.197)
4.90 (0.193)
4.80 (0.189)
4.00 (0.157)
3.90 (0.154)
3.80 (0.150)
1.27 (0.05)
BSC
6.20 (0.244)
6.00 (0.236)
5.80 (0.228)
0.51 (0.020)
0.31 (0.012)
COPLANARITY
0.10
TOP VIEW
3.098 (0.122)
BOTTOM VIEW
(PINS UP)
2.41 (0.095)
0.10 (0.004)
MAX
Figure 43. 8-Lead Standard Small Outline Package, with Expose Pad [SOIC_N_EP]
Narrow Body
(RD-8-2)
Dimensions shown in millimeters and (inches)
1
EXPOSED
PAD
(BOTTOM VIEW)
0.50
BSC
PIN 1
INDICATOR
0.50
0.40
0.30
TOP
VIEW
12° MAX
0.70 MAX
0.65 TYP
0.90 MAX
0.85 NOM
0.05 MAX
0.01 NOM
0.20 REF
1.89
1.74
1.59
4
1.60
1.45
1.30
3.25
3.00 SQ
2.75
2.95
2.75 SQ
2.55
5
8
PIN 1
INDICATOR
SEATING
PLANE
0.30
0.23
0.18
0.60 MAX
0.60 MAX
Figure 44. 8-Lead Frame Chip Scale Package [LFCSP_VD]
3 mm × 3 mm Body, Very Thin, Dual Lead
(CP-8-2)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com