Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1706ARDZ-1.5-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1706ARDZ-1.5-R7
Description  1 A, Low Dropout, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1706ARDZ-1.5-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1706ARDZ-1.5-R7 Datasheet HTML 11Page - Analog Devices ADP1706ARDZ-1.5-R7 Datasheet HTML 12Page - Analog Devices ADP1706ARDZ-1.5-R7 Datasheet HTML 13Page - Analog Devices ADP1706ARDZ-1.5-R7 Datasheet HTML 14Page - Analog Devices ADP1706ARDZ-1.5-R7 Datasheet HTML 15Page - Analog Devices ADP1706ARDZ-1.5-R7 Datasheet HTML 16Page - Analog Devices ADP1706ARDZ-1.5-R7 Datasheet HTML 17Page - Analog Devices ADP1706ARDZ-1.5-R7 Datasheet HTML 18Page - Analog Devices ADP1706ARDZ-1.5-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADP1706/ADP1707/ADP1708
Rev. 0 | Page 15 of 20
PCB LAYOUT CONSIDERATIONS
Heat dissipation from the package can be improved by
increasing the amount of copper attached to the pins of the
ADP1706/ADP1707/ADP1708. However, as can be seen from
Table 5, a point of diminishing returns is eventually reached,
beyond which an increase in the copper size does not yield
significant heat dissipation benefits.
The ADP1706/ADP1707/ADP1708 feature an exposed pad on
the bottom of both the SOIC and LFCSP packages to improve
thermal performance. Because the exposed pad is electrically
connected to GND inside the package, it is recommended that
it also be connected to the ground plane on the PCB with a
sufficient amount of copper.
Here are a few general tips when designing PCBs:
Place the input capacitor as close as possible to the IN and
GND pins.
Place the output capacitor as close as possible to the OUT
and GND pins.
For the ADP1706, place the soft start capacitor as close as
possible to the SS pin.
Connect the load as close as possible to the OUT and
SENSE pins.
Use of 0402 or 0603 size capacitors and resistors achieves the
smallest possible footprint solution on boards where area is
limited.
GND
GND
GND
GND
EN
ADJ/TRK/SS
VIN
VOUT
J1
R2
R1
U1
C1
C2
C3
ADP1706/ADP1707/ADP1708
SOIC8
ANALOG
DEVICES
Figure 42. Example PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com