Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3302 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3302
Description  High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3302 Datasheet(HTML) 3 Page - Analog Devices

  ADP3302 Datasheet HTML 1Page - Analog Devices ADP3302 Datasheet HTML 2Page - Analog Devices ADP3302 Datasheet HTML 3Page - Analog Devices ADP3302 Datasheet HTML 4Page - Analog Devices ADP3302 Datasheet HTML 5Page - Analog Devices ADP3302 Datasheet HTML 6Page - Analog Devices ADP3302 Datasheet HTML 7Page - Analog Devices ADP3302 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ADP3303
–3–
REV. A
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADP3303 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Function
1 & 2
OUT
Output of the Regulator. Bypass to
ground with a 0.47
µF or larger
capacitor. Pins 1 and 2 must be con-
nected together for proper operation.
3
NR
Noise Reduction Pin. Used for reduc-
tion of the output noise. (See text for
details.) No connection if not used.
4
GND
Ground Pin.
5
SD
Active Low Shutdown Pin. Connect to
ground to disable the regulator output.
When shutdown is not used, this pin
should be connected to the input pin.
6
ERR
Open Collector Output. Goes low to
indicate that the output is about to go
out of regulation.
7 & 8
IN
Regulator Input. Pins 7 and 8 must
be connected together for proper
operation.
PIN CONFIGURATION
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
OUT
OUT
NR
GND
IN
IN
ERR
SD
ADP3303
ABSOLUTE MAXIMUM RATINGS*
Input Supply Voltage . . . . . . . . . . . . . . . . . . . –0.3 V to +16 V
Shutdown Input Voltage . . . . . . . . . . . . . . . . –0.3 V to +16 V
Error Flag Output Voltage . . . . . . . . . . . . . . . –0.3 V to +16 V
Noise Bypass Pin Voltage . . . . . . . . . . . . . . . . –0.3 V to +5 V
Power Dissipation . . . . . . . . . . . . . . . . . . . Internally Limited
Operating Ambient Temperature Range . . . . –20
°C to +85°C
Operating Junction Temperature Range . . . –20
°C to +125°C
θ
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96
°C/W
θ
JC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
°C/W
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . +300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
*This is a stress rating only; operation beyond these limits can cause the device to
be permanently damaged.
ORDERING GUIDE
Output
Package
Model
Voltage
Option*
ADP3303AR-2.7
2.7 V
SO-8
ADP3303AR-3
3.0 V
SO-8
ADP3303AR-3.2
3.2 V
SO-8
ADP3303AR-3.3
3.3 V
SO-8
ADP3303AR-5
5.0 V
SO-8
Contact the factory for the availability of other output voltage options.
*SO = Small Outline.
Other Members of anyCAP Family
1
Output
Package
Model
Current
Options
2
Comments
ADP3300
50 mA
SOT-23-6
High Accuracy
ADP3301
100 mA
SO-8
High Accuracy
ADP3302
100 mA
SO-8
Dual Output
ADP3307
100 mA
SOT-23-6
Small Size
ADP3308
50 mA
SOT-23-5
Improved LP2980
ADP3309
100 mA
SOT-23-5
Improved MIC5205
NOTES
1See individual data sheets for detailed ordering information.
2SO = Small Outline, SOT = Surface Mount.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com