Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1706ARDZ-3.0-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1706ARDZ-3.0-R7
Description  1 A, Low Dropout, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1706ARDZ-3.0-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1706ARDZ-3.0-R7 Datasheet HTML 3Page - Analog Devices ADP1706ARDZ-3.0-R7 Datasheet HTML 4Page - Analog Devices ADP1706ARDZ-3.0-R7 Datasheet HTML 5Page - Analog Devices ADP1706ARDZ-3.0-R7 Datasheet HTML 6Page - Analog Devices ADP1706ARDZ-3.0-R7 Datasheet HTML 7Page - Analog Devices ADP1706ARDZ-3.0-R7 Datasheet HTML 8Page - Analog Devices ADP1706ARDZ-3.0-R7 Datasheet HTML 9Page - Analog Devices ADP1706ARDZ-3.0-R7 Datasheet HTML 10Page - Analog Devices ADP1706ARDZ-3.0-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADP1706/ADP1707/ADP1708
Rev. 0 | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.8 V, IOUT = 100 mA, CIN = 4.7 μF, COUT = 4.7 μF, TA = 25°C, unless otherwise noted.
–40
10
60
110
TJ (°C)
3.24
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
ILOAD = 100µA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 500mA
ILOAD = 1A
ILOAD = 300mA
Figure 10. Output Voltage vs. Junction Temperature
0.1
1000
ILOAD (mA)
1
10
100
3.270
3.275
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
Figure 11. Output Voltage vs. Load Current
3.8
4.2
4.6
5.0
5.4
VIN (V)
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
ILOAD = 300mA
ILOAD = 100mA
ILOAD = 10mA
ILOAD = 100µA
ILOAD = 1A
ILOAD = 500mA
Figure 12. Output Voltage vs. Input Voltage
–40
10
60
110
TJ (°C)
0
1400
1200
1000
800
600
400
200
ILOAD = 10mA
ILOAD = 100µA
ILOAD = 100mA
ILOAD = 300mA
ILOAD = 500mA
ILOAD = 1A
Figure 13. Ground Current vs. Junction Temperature
0.1
1000
ILOAD (mA)
110
100
0
1400
1200
1000
800
600
400
200
Figure 14. Ground Current vs. Load Current
2100
0
3.6
4.0
4.4
4.8
5.2
VIN (V)
1800
1500
1200
900
600
300
ILOAD = 100µA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 300mA
ILOAD = 500mA
ILOAD = 1A
Figure 15. Ground Current vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com