Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB1C225M2ACB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CB1C225M2ACB
Description  Tantalum Capacitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CB1C225M2ACB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CB1C225M2ACB Datasheet HTML 1Page - List of Unclassifed Manufacturers CB1C225M2ACB Datasheet HTML 2Page - List of Unclassifed Manufacturers CB1C225M2ACB Datasheet HTML 3Page - List of Unclassifed Manufacturers CB1C225M2ACB Datasheet HTML 4Page - List of Unclassifed Manufacturers CB1C225M2ACB Datasheet HTML 5Page - List of Unclassifed Manufacturers CB1C225M2ACB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <4>
V1.1
06/09/12
CB Series
Tantalum Capacitor
Taping Dimension:
1.  CB represents series number of epoxy-coated solid electrolytic tantalum capacitors.
2.  Rated DC voltage Code is expressed in two digits.
Rated Voltage
6.3V
10V
16V
25V
35V
50V
Code
0J
1A
1C
1E
1V
1H
3.  Capacitance code: Expressed in Pico farad, 1st two digits represent significant figures and 3rd digit represents multiplier 
(number of zeros to follow).
4.  Capacitance tolerance code is listed as follows:
Allowable Tolerance
Tolerance Code
±20
M
5.  Lead Space: 
Lead Space
Symbol
2.54m/m ±0.5
1
5.08m/m ±0.5
2
6.  Case Code is specified in Appearance & Dimensions in Page 2
7.  Wire Length: Wire Length (L) code is listed as follows
Wire Length (L)
(+)20(-)18 ±1m/m
Code
C
Pack Style
Packing Code: B
Bulk T
Ammo
CB
Δ C/C±20%
35V10µF
CB1V106M1DCB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com