Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ8000HI Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOZ8000HI
Description  Plastic Encapsulated Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8000HI Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOZ8000HI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8000HI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8000HI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8000HI Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
•
2 lots of AOZ8000HI up to 168 hrs of B/I for New Product release.
•
2 additional lots of AOZ8000HI up to 168 hrs of B/I for New UH_EPI process release.
•
2 lots of package qual testing (PCT, 250 cycles TC) for SC70 for package release to manufacturing.
IV. Qualification Tests Result
Test Item
Test Condition
Sample Size
Result
Comment
Pre-
Conditioning
Per JESD 22-A113
85 C
0/85%RH, 3 cyc
reflow@260
0C
2 lot (82 /lot)
pass
Lot 1 (wafer lot# F162T.51-20, marking:
A02),
82 units, passed pre-conditioning.
Lot 2 (wafer lot# F162T.51-20, marking:
A03),
82 units, passed pre-conditioning.
HTOL
(pkg qual
burn-in )
Per JESD 22-A108_B
Vdd=6V
Temp = 125
0C
2 lot (80 /lot)
pass
Lot 1 (wafer lot# F162T.51-20, marking:
A02), 80 units, passed 500 hrs .
Lot 2 (wafer lot# F162T.51-20, marking:
A03), 80 units, passed 500 hrs .
HTOL
(old UE003A
process)
Per JESD 22-A108_B
Vdd=6V
Temp = 125
0C
2 lot (80 /lot)
pass
Lot 1 (wafer lot# F9AN1.51-8, marking:
ABR11), 80 units, passed 1000 hrs .
Lot 2 (wafer lot# F9AN1.51-10, marking:
CBU11), 80 units, passed 500 hrs .
HTOL
(new UH_EPI
process)
Per JESD 22-A108_B
Vdd=6V
Temp = 125
0C
2 lot (80 /lot)
pass
Qual by extension using AOZ8000C
(same die in SOT23 pkg.)
Lot 1 (wafer lot# FNG88, marking:
AC001), 80 units, passed 500 hrs .
Lot 2 (wafer lot# FAYY3.02-3 marking:
AB008), 80 units, passed 500 hrs .
HAST
'130 +/- 2
0C, 85%RH, 33.3
psi, at VCC min power
dissapation
2 lot (60 /lot)
pass
Lot 1 (wafer lot# F162T.51-20, marking:
A02), 60 units, passed HAST 100 hrs .
Lot 2 (wafer lot# F162T.51-20, marking:
A03), 60 units, passed HAST 100 hrs .
Temperature
Cycle
'-65
0C to +150 0C, air to
air (2cyc/hr)
2 lot (82 /lot)
pass
Lot 1 (wafer lot# F162T.51-20, marking:
A02), 82 units, passed TC 500 cycles.
Lot 2 (wafer lot# F162T.51-20, marking:
A03), 82 units, passed TC 500 cycles.
Pressure Pot
121C, 15+/-1 PSIG,
RH= 100%
2 lot (82 /lot)
pass
Lot 1 (wafer lot# F162T.51-20, marking:
A02), 82 units, passed PCT 96 hrs.
Lot 2 (wafer lot# F162T.51-20, marking:
A03), 82 units, passed PCT 96 hrs.
ESD Rating
Per IEC-61000-4-2,
contact
3 units
pass
Lot 1 (wafer lot# FAYY3.02-3, marking:
AB008), 3 units passed ±12kV
ESD Rating
Per IEC-61000-4-2, air
3 units
pass
Lot 1 (wafer lot# FAYY3.02-3, marking:
AB008), 3 units passed ±15kV
Latch-up
Per JESD78A
3 units
pass
Lot 1 (wafer lot# FAYY3.02-3, marking:
AB008), 3 units passed Latch-up.
The qualification test results confirm that AOZ8000HI pass AOS quality and reliability
requirements for product release.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com