Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP710 Datasheet(PDF) 205 Page - Microchip Technology

Part # DSPIC33FJ64GP710
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP710 Datasheet(HTML) 205 Page - Microchip Technology

Back Button DSPIC33FJ64GP710 Datasheet HTML 201Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 202Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 203Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 204Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 205Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 206Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 207Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 208Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 209Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 203
dsPIC33FJXXXGPX06/X08/X10
REGISTER 19-10: CiCFG2: ECAN™ BAUD RATE CONFIGURATION REGISTER 2
U-0
R/W-x
U-0
U-0
U-0
R/W-x
R/W-x
R/W-x
—
WAKFIL
—
—
—
SEG2PH<2:0>
bit 15
bit 8
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
SEG2PHTS
SAM
SEG1PH<2:0>
PRSEG<2:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
Unimplemented: Read as ‘0’
bit 14
WAKFIL: Select CAN bus Line Filter for Wake-up bit
1
= Use CAN bus line filter for wake-up
0
= CAN bus line filter is not used for wake-up
bit 13-11
Unimplemented: Read as ‘0’
bit 10-8
SEG2PH<2:0>: Phase Buffer Segment 2 bits
111
= Length is 8 x TQ
000
= Length is 1 x TQ
bit 7
SEG2PHTS: Phase Segment 2 Time Select bit
1
= Freely programmable
0
= Maximum of SEG1PH bits or Information Processing Time (IPT), whichever is greater
bit 6
SAM: Sample of the CAN bus Line bit
1
= Bus line is sampled three times at the sample point
0
= Bus line is sampled once at the sample point
bit 5-3
SEG1PH<2:0>: Phase Buffer Segment 1 bits
111
= Length is 8 x TQ
000
= Length is 1 x TQ
bit 2-0
PRSEG<2:0>: Propagation Time Segment bits
111
= Length is 8 x TQ
000
= Length is 1 x TQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com