Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP710 Datasheet(PDF) 52 Page - Microchip Technology

Part # DSPIC33FJ64GP710
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP710 Datasheet(HTML) 52 Page - Microchip Technology

Back Button DSPIC33FJ64GP710 Datasheet HTML 48Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 49Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 50Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 51Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 52Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 53Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 54Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 55Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 322 page
background image
TABLE 4-17:
DMA REGISTER MAP
File Name Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
DMA0CON 0380
CHEN
SIZE
DIR
HALF
NULLW
—
—
—
—
—AMODE<1:0>
—
—MODE<1:0>
0000
DMA0REQ 0382
FORCE
—
—
—
—
—
—
—
—
IRQSEL<6:0>
0000
DMA0STA
0384
STA<15:0>
0000
DMA0STB
0386
STB<15:0>
0000
DMA0PAD
0388
PAD<15:0>
0000
DMA0CNT 038A
—
—
—
—
—
—
CNT<9:0>
0000
DMA1CON 038C
CHEN
SIZE
DIR
HALF
NULLW
—
—
—
—
—AMODE<1:0>
—
—MODE<1:0>
0000
DMA1REQ 038E FORCE
—
—
—
—
—
—
—
—
IRQSEL<6:0>
0000
DMA1STA
0390
STA<15:0>
0000
DMA1STB
0392
STB<15:0>
0000
DMA1PAD
0394
PAD<15:0>
0000
DMA1CNT 0396
—
—
—
—
—
—
CNT<9:0>
0000
DMA2CON 0398
CHEN
SIZE
DIR
HALF
NULLW
—
—
—
—
—AMODE<1:0>
—
—MODE<1:0>
0000
DMA2REQ 039A FORCE
—
—
—
—
—
—
—
—
IRQSEL<6:0>
0000
DMA2STA
039C
STA<15:0>
0000
DMA2STB
039E
STB<15:0>
0000
DMA2PAD 03A0
PAD<15:0>
0000
DMA2CNT 03A2
—
—
—
—
—
—
CNT<9:0>
0000
DMA3CON 03A4
CHEN
SIZE
DIR
HALF
NULLW
—
—
—
—
—AMODE<1:0>
—
—MODE<1:0>
0000
DMA3REQ 03A6 FORCE
—
—
—
—
—
—
—
—
IRQSEL<6:0>
0000
DMA3STA
03A8
STA<15:0>
0000
DMA3STB 03AA
STB<15:0>
0000
DMA3PAD 03AC
PAD<15:0>
0000
DMA3CNT 03AE
—
—
—
—
—
—
CNT<9:0>
0000
DMA4CON 03B0
CHEN
SIZE
DIR
HALF
NULLW
—
—
—
—
—AMODE<1:0>
—
—MODE<1:0>
0000
DMA4REQ 03B2 FORCE
—
—
—
—
—
—
—
—
IRQSEL<6:0>
0000
DMA4STA
03B4
STA<15:0>
0000
DMA4STB
03B6
STB<15:0>
0000
DMA4PAD 03B8
PAD<15:0>
0000
DMA4CNT 03BA
—
—
—
—
—
—
CNT<9:0>
0000
DMA5CON 03BC
CHEN
SIZE
DIR
HALF
NULLW
—
—
—
—
—AMODE<1:0>
—
—MODE<1:0>
0000
DMA5REQ 03BE FORCE
—
—
—
—
—
—
—
—
IRQSEL<6:0>
0000
DMA5STA
03C0
STA<15:0>
0000
DMA5STB 03C2
STB<15:0>
0000
DMA5PAD 03C4
PAD<15:0>
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com