Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP710 Datasheet(PDF) 215 Page - Microchip Technology

Part # DSPIC33FJ64GP710
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP710 Datasheet(HTML) 215 Page - Microchip Technology

Back Button DSPIC33FJ64GP710 Datasheet HTML 211Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 212Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 213Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 214Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 215Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 216Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 217Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 218Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 219Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 213
dsPIC33FJXXXGPX06/X08/X10
REGISTER 19-26:
CiTRmnCON: ECAN™ TX/RX BUFFER m CONTROL REGISTER (m = 0,2,4,6; n =
1,3,5,7)
R/W-0
R-0
R-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
TXENn
TXABTn
TXLARBn
TXERRn
TXREQn
RTRENn
TXnPRI<1:0>
bit 15
bit 8
R/W-0
R-0
R-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
TXENm
TXABTm(1) TXLARBm(1) TXERRm(1)
TXREQm
RTRENm
TXmPRI<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
See Definition for Bits 7-0, Controls Buffer n
bit 7
TXENm: TX/RX Buffer Selection bit
1
= Buffer TRBn is a transmit buffer
0
= Buffer TRBn is a receive buffer
bit 6
TXABTm: Message Aborted bit(1)
1
= Message was aborted
0
= Message completed transmission successfully
bit 5
TXLARBm: Message Lost Arbitration bit(1)
1
= Message lost arbitration while being sent
0
= Message did not lose arbitration while being sent
bit 4
TXERRm: Error Detected During Transmission bit(1)
1
= A bus error occurred while the message was being sent
0
= A bus error did not occur while the message was being sent
bit 3
TXREQm: Message Send Request bit
Setting this bit to ‘1’ requests sending a message. The bit will automatically clear when the message
is successfully sent. Clearing the bit to ‘0’ while set will request a message abort.
bit 2
RTRENm: Auto-Remote Transmit Enable bit
1
= When a remote transmit is received, TXREQ will be set
0
= When a remote transmit is received, TXREQ will be unaffected
bit 1-0
TXmPRI<1:0>: Message Transmission Priority bits
11
= Highest message priority
10
= High intermediate message priority
01
= Low intermediate message priority
00
= Lowest message priority
Note 1: This bit is cleared when TXREQ is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com