Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP710 Datasheet(PDF) 232 Page - Microchip Technology

Part # DSPIC33FJ64GP710
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP710 Datasheet(HTML) 232 Page - Microchip Technology

Back Button DSPIC33FJ64GP710 Datasheet HTML 228Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 229Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 230Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 231Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 232Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 233Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 234Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 235Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 236Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 230
© 2009 Microchip Technology Inc.
REGISTER 21-2:
ADxCON2: ADCx CONTROL REGISTER 2 (where x = 1 or 2)
R/W-0
R/W-0
R/W-0
U-0
U-0
R/W-0
R/W-0
R/W-0
VCFG<2:0>
—
—
CSCNA
CHPS<1:0>
bit 15
bit 8
R-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
BUFS
—
SMPI<3:0>
BUFM
ALTS
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-13
VCFG<2:0>: Converter Voltage Reference Configuration bits
bit 12-11
Unimplemented: Read as ‘0’
bit 10
CSCNA: Scan Input Selections for CH0+ during Sample A bit
1
= Scan inputs
0
= Do not scan inputs
bit 9-8
CHPS<1:0>: Selects Channels Utilized bits
When AD12B = 1, CHPS<1:0> is: U-0, Unimplemented, Read as ‘0’
1x
= Converts CH0, CH1, CH2 and CH3
01
= Converts CH0 and CH1
00
= Converts CH0
bit 7
BUFS: Buffer Fill Status bit (only valid when BUFM = 1)
1
= ADC is currently filling second half of buffer, user should access data in first half
0
= ADC is currently filling first half of buffer, user should access data in second half
bit 6
Unimplemented: Read as ‘0’
bit 5-2
SMPI<3:0>: Selects Increment Rate for DMA Addresses bits or number of sample/conversion
operations per interrupt
1111
= Increments the DMA address or generates interrupt after completion of every 16th
sample/conversion operation
1110
= Increments the DMA address or generates interrupt after completion of every 15th
sample/conversion operation
•
•
•
0001
= Increments the DMA address or generates interrupt after completion of every 2nd
sample/conversion operation
0000
= Increments the DMA address or generates interrupt after completion of every
sample/conversion operation
bit 1
BUFM: Buffer Fill Mode Select bit
1
= Starts filling first half of buffer on first interrupt and second half of the buffer on next interrupt
0
= Always starts filling buffer from the beginning
bit 0
ALTS: Alternate Input Sample Mode Select bit
1
= Uses channel input selects for Sample A on first sample and Sample B on next sample
0
= Always uses channel input selects for Sample A
VREF+
VREF-
000
AVDD
AVSS
001
External VREF+AVSS
010
AVDD
External VREF-
011
External VREF+
External VREF-
1xx
AVDD
Avss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com