Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP710 Datasheet(PDF) 237 Page - Microchip Technology

Part # DSPIC33FJ64GP710
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP710 Datasheet(HTML) 237 Page - Microchip Technology

Back Button DSPIC33FJ64GP710 Datasheet HTML 233Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 234Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 235Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 236Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 237Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 238Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 239Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 240Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 241Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 235
dsPIC33FJXXXGPX06/X08/X10
REGISTER 21-7:
ADxCSSH: ADCx INPUT SCAN SELECT REGISTER HIGH(1,2)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CSS31
CSS30
CSS29
CSS28
CSS27
CSS26
CSS25
CSS24
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CSS23
CSS22
CSS21
CSS20
CSS19
CSS18
CSS17
CSS16
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
CSS<31:16>: ADC Input Scan Selection bits
1
= Select ANx for input scan
0
= Skip ANx for input scan
Note 1: On devices without 32 analog inputs, all ADxCSSH bits may be selected by user. However, inputs selected
for scan without a corresponding input on device will convert VREFL.
2: CSSx = ANx, where x = 16 through 31.
REGISTER 21-8:
ADxCSSL: ADCx INPUT SCAN SELECT REGISTER LOW(1,2)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CSS15
CSS14
CSS13
CSS12
CSS11
CSS10
CSS9
CSS8
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CSS7
CSS6
CSS5
CSS4
CSS3
CSS2
CSS1
CSS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
CSS<15:0>: ADC Input Scan Selection bits
1
= Select ANx for input scan
0
= Skip ANx for input scan
Note 1: On devices without 16 analog inputs, all ADxCSSL bits may be selected by user. However, inputs selected
for scan without a corresponding input on device will convert VREFL.
2: CSSx = ANx, where x = 0 through 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com