Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP710 Datasheet(PDF) 290 Page - Microchip Technology

Part # DSPIC33FJ64GP710
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP710 Datasheet(HTML) 290 Page - Microchip Technology

Back Button DSPIC33FJ64GP710 Datasheet HTML 286Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 287Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 288Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 289Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 290Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 291Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 292Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 293Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 294Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 288
© 2009 Microchip Technology Inc.
FIGURE 25-19:
CAN MODULE I/O TIMING CHARACTERISTICS
CiTx Pin
(output)
CA10 CA11
Old Value
New Value
CA20
CiRx Pin
(input)
TABLE 25-36: ECAN™ MODULE I/O TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C
Param
No.
Symbol
Characteristic(1)
Min
Typ
Max
Units
Conditions
CA10
TioF
Port Output Fall Time
—
—
—
ns
See parameter D032
CA11
TioR
Port Output Rise Time
—
—
—
ns
See parameter D031
CA20
Tcwf
Pulse-Width to Trigger
CAN Wake-up Filter
120
—
—
ns
—
Note 1: These parameters are characterized but not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com