Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP710 Datasheet(PDF) 295 Page - Microchip Technology

Part # DSPIC33FJ64GP710
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP710 Datasheet(HTML) 295 Page - Microchip Technology

Back Button DSPIC33FJ64GP710 Datasheet HTML 291Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 292Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 293Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 294Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 295Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 296Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 297Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 298Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 299Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 293
dsPIC33FJXXXGPX06/X08/X10
TABLE 25-40: ADC CONVERSION (12-BIT MODE) TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Param
No.
Symbol
Characteristic
Min.
Typ(1)
Max.
Units
Conditions
Clock Parameters
AD50a TAD
ADC Clock Period
117.6
—
—
ns
—
AD51a tRC
ADC Internal RC Oscillator
Period
—
250
—
ns
—
Conversion Rate
AD55a tCONV
Conversion Time
—
14 TAD
ns
—
AD56a FCNV
Throughput Rate
—
—
500
ksps
—
AD57a TSAMP
Sample Time
3 TAD
——
—
—
Timing Parameters
AD60a tPCS
Conversion Start from Sample
Trigger(2)
2.0 TAD
—
3.0 TAD
—
Auto-Convert Trigger
(SSRC<2:0> = 111) not
selected
AD61a tPSS
Sample Start from Setting
Sample (SAMP) bit(2)
2.0 TAD
—
3.0 TAD
——
AD62a tCSS
Conversion Completion to
Sample Start (ASAM = 1)(2)
—
0.5 TAD
——
—
AD63a tDPU
Time to Stabilize Analog Stage
from ADC Off to ADC On(2,3)
——
20
μs—
Note 1: These parameters are characterized but not tested in manufacturing.
2: Because the sample caps will eventually lose charge, clock rates below 10 kHz can affect linearity
performance, especially at elevated temperatures.
3: tDPU is the time required for the ADC module to stabilize when it is turned on (AD1CON1<ADON> = 1).
During this time, the ADC result is indeterminate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com