Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA78041 Datasheet(PDF) 1 Page - ON Semiconductor

Part # LA78041
Description  TV and CRT Display Vertical Output IC with Bus Control Support
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA78041 Datasheet(HTML) 1 Page - ON Semiconductor

  LA78041 Datasheet HTML 1Page - ON Semiconductor LA78041 Datasheet HTML 2Page - ON Semiconductor LA78041 Datasheet HTML 3Page - ON Semiconductor LA78041 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D0605 MS PC B8-4579 No.7966-1/4
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
July, 2013
LA78041
Overview
The LA78041 is a vertical deflection output IC for high image quality TV and CRT displays that supports the use of a
bus control system signal-processing IC. The sawtooth waveform from the bus control system signal-processing IC can
directly drive the deflection yoke (including the DC component). Color TV vertical deflection system adjustment
functions can be controlled over a bus system by connecting the LA78041 to a our company LA768X series or
LA769XX series bus control system signal-processing IC.
Since the LA78041 provides a maximum deflection current of 2.2Ap-p, it is optimal for large size CRTs.
Functions
• Low power operation achieved by using integrated charge pump circuit.
• Vertical output circuit.
• Thermal protection circuit.
• Excellent crossover characteristics.
• Supports DC coupling.
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Pump-up block supply voltage
+B2 max
34
V
Output block supply voltage
+B6 max
70
V
Allowable power dissipation
Pd max
Mounted on an arbitrarily large heat sink.
9
W
Deflection output current
I5 max
-1.5 to +1.5
Ap-o
Thermal resistance
θj-c
3
°C /W
Operating temperature
Topr
-20 to +85
°C
Storage temperature
Tstg
-40 to +150
°C
Ordering number : EN7966
Monolithic Linear IC
TV and CRT Display Vertical
Output IC with Bus Control
Support
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - LA78041

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA78041 SANYO-LA78041 Datasheet
214Kb / 2P
LA78041
LA78041 SANYO-LA78041 Datasheet
155Kb / 4P
TV and CRT Display Vertical Output IC with Bus Control Support
LA78041 SANYO-LA78041_06 Datasheet
155Kb / 4P
TV and CRT Display Vertical Output IC with Bus Control Support
More results

Similar Description - LA78041

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7837 SANYO-LA7837 Datasheet
195Kb / 9P
Vertical Deflection Circuit with TV / CRT Display Drive
LA78040 SANYO-LA78040 Datasheet
336Kb / 4P
LA78040 TV and CRT Display Vertical Output IC with Bus Control Support
logo
Panasonic Semiconductor
AN5532 PANASONIC-AN5532 Datasheet
50Kb / 1P
TV VERTICAL DEFLECTION OUTPUT IC
logo
Sanyo Semicon Device
LA78040N SANYO-LA78040N Datasheet
202Kb / 4P
TV and CRT Display Vertical Output IC with Bus Control Support
LA7848 SANYO-LA7848 Datasheet
281Kb / 6P
TV Vertical Output E/W Driver with Bus Control Support
3LA78040B SANYO-3LA78040B Datasheet
58Kb / 3P
The Vertical Deflection Output IC With Bus Control Support for TVs and CRT Display
LA78041 SANYO-LA78041_06 Datasheet
155Kb / 4P
TV and CRT Display Vertical Output IC with Bus Control Support
LA78045 SANYO-LA78045_06 Datasheet
75Kb / 4P
TV and CRT Display Vertical Output IC with Bus Control Support
LA78141-E SANYO-LA78141-E Datasheet
785Kb / 19P
Bus Supported TV Display Vertical Output
logo
Hangzhou Youwang Electr...
UTC78045 YOUWANG-UTC78045 Datasheet
95Kb / 5P
TV and CRT Display Vertical Output IC with Bus Control Support
2009.08.20 V1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com