Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F242 Datasheet(PDF) 277 Page - Microchip Technology

Part # PIC18F242
Description  High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F242 Datasheet(HTML) 277 Page - Microchip Technology

Back Button PIC18F242 Datasheet HTML 273Page - Microchip Technology PIC18F242 Datasheet HTML 274Page - Microchip Technology PIC18F242 Datasheet HTML 275Page - Microchip Technology PIC18F242 Datasheet HTML 276Page - Microchip Technology PIC18F242 Datasheet HTML 277Page - Microchip Technology PIC18F242 Datasheet HTML 278Page - Microchip Technology PIC18F242 Datasheet HTML 279Page - Microchip Technology PIC18F242 Datasheet HTML 280Page - Microchip Technology PIC18F242 Datasheet HTML 281Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 332 page
background image
© 2006 Microchip Technology Inc.
DS39564C-page 275
PIC18FXX2
FIGURE 22-9:
TIMER0 AND TIMER1 EXTERNAL CLOCK TIMINGS
TABLE 22-8:
TIMER0 AND TIMER1 EXTERNAL CLOCK REQUIREMENTS
Note:
Refer to Figure 22-4 for load conditions.
46
47
45
48
41
42
40
T0CKI
T1OSO/T1CKI
TMR0 or
TMR1
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
40
Tt0H
T0CKI High Pulse Width
No Prescaler
0.5TCY + 20
—
ns
With Prescaler
10
—
ns
41
Tt0L
T0CKI Low Pulse Width
No Prescaler
0.5TCY + 20
—
ns
With Prescaler
10
—
ns
42
Tt0P
T0CKI Period
No Prescaler
TCY + 10
—
ns
With Prescaler
Greater of:
20 nS or TCY + 40
N
—
ns
N = prescale
value
(1, 2, 4,..., 256)
45
Tt1H
T1CKI High
Time
Synchronous, no prescaler
0.5TCY + 20
—
ns
Synchronous,
with prescaler
PIC18FXXX
10
—
ns
PIC18LFXXX
25
—
ns
Asynchronous
PIC18FXXX
30
—
ns
PIC18LFXXX
50
—
ns
46
Tt1L
T1CKI Low
Time
Synchronous, no prescaler
0.5TCY + 5
—
ns
Synchronous,
with prescaler
PIC18FXXX
10
—
ns
PIC18LFXXX
25
—
ns
Asynchronous
PIC18FXXX
30
—
ns
PIC18LFXXX
50
—
ns
47
Tt1P
T1CKI input
period
Synchronous
Greater of:
20 nS or TCY + 40
N
—
ns
N = prescale
value
(1, 2, 4, 8)
Asynchronous
60
—
ns
Ft1
T1CKI oscillator input frequency range
DC
50
kHz
48
Tcke2tmrI Delay from external T1CKI clock edge to timer
increment
2 TOSC
7 TOSC
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com