Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F242 Datasheet(PDF) 278 Page - Microchip Technology

Part # PIC18F242
Description  High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F242 Datasheet(HTML) 278 Page - Microchip Technology

Back Button PIC18F242 Datasheet HTML 274Page - Microchip Technology PIC18F242 Datasheet HTML 275Page - Microchip Technology PIC18F242 Datasheet HTML 276Page - Microchip Technology PIC18F242 Datasheet HTML 277Page - Microchip Technology PIC18F242 Datasheet HTML 278Page - Microchip Technology PIC18F242 Datasheet HTML 279Page - Microchip Technology PIC18F242 Datasheet HTML 280Page - Microchip Technology PIC18F242 Datasheet HTML 281Page - Microchip Technology PIC18F242 Datasheet HTML 282Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 332 page
background image
PIC18FXX2
DS39564C-page 276
© 2006 Microchip Technology Inc.
FIGURE 22-10:
CAPTURE/COMPARE/PWM TIMINGS (CCP1 AND CCP2)
TABLE 22-9:
CAPTURE/COMPARE/PWM REQUIREMENTS (CCP1 AND CCP2)
Note:
Refer to Figure 22-4 for load conditions.
CCPx
(Capture Mode)
50
51
52
CCPx
53
54
(Compare or PWM Mode)
Param.
No.
Symbol
Characteristic
Min
Max
Units
Conditions
50
TccL
CCPx input low
time
No Prescaler
0.5 TCY + 20
—
ns
With
Prescaler
PIC18FXXX
10
—
ns
PIC18LFXXX
20
—
ns
51
TccH
CCPx input
high time
No Prescaler
0.5 TCY + 20
—
ns
With
Prescaler
PIC18FXXX
10
—
ns
PIC18LFXXX
20
—
ns
52
TccP
CCPx input period
3 TCY + 40
N
—ns
N = prescale
value (1,4 or 16)
53
TccR
CCPx output fall time
PIC18FXXX
—
25
ns
PIC18LFXXX
—
60
ns
VDD = 2V
54
TccF
CCPx output fall time
PIC18FXXX
—
25
ns
PIC18LFXXX
—
60
ns
VDD = 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com