Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP44P15T Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTP44P15T
Description  P-Channel Enhancement Mode Avalanche Rated
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP44P15T Datasheet(HTML) 2 Page - IXYS Corporation

  IXTP44P15T Datasheet HTML 1Page - IXYS Corporation IXTP44P15T Datasheet HTML 2Page - IXYS Corporation IXTP44P15T Datasheet HTML 3Page - IXYS Corporation IXTP44P15T Datasheet HTML 4Page - IXYS Corporation IXTP44P15T Datasheet HTML 5Page - IXYS Corporation IXTP44P15T Datasheet HTML 6Page - IXYS Corporation IXTP44P15T Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTA44P15T IXTP44P15T
IXTQ44P15T IXTH44P15T
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = -10V, ID = 0.5 • ID25, Note 1
27
45
S
C
iss
13.4
nF
C
oss
V
GS = 0V, VDS = - 25V, f = 1MHz
675
pF
C
rss
183
pF
t
d(on)
25
ns
t
r
42
ns
t
d(off)
50
ns
t
f
17
ns
Q
g(on)
175
nC
Q
gs
V
GS = -10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
65
nC
Q
gd
58
nC
R
thJC
0.42
°C/W
R
thCS
TO-220
0.50
°C/W
TO-247 & TO-3P
0.21
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
- 44
A
I
SM
Repetitive, Pulse Width Limited by T
JM
-176
A
V
SD
I
F = IS, VGS = 0V, Note 1
-1.3
V
t
rr
140
ns
Q
RM
0.87
μC
I
RM
-12.4
A
Resistive Switching Times
V
GS = -10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 1Ω (External)
I
F = - 22A, -di/dt = -100A/μs
V
R = - 75V, VGS = 0V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com