Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

64GA106 Datasheet(PDF) 172 Page - Microchip Technology

Part # 64GA106
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA106 Datasheet(HTML) 172 Page - Microchip Technology

Back Button 64GA106 Datasheet HTML 168Page - Microchip Technology 64GA106 Datasheet HTML 169Page - Microchip Technology 64GA106 Datasheet HTML 170Page - Microchip Technology 64GA106 Datasheet HTML 171Page - Microchip Technology 64GA106 Datasheet HTML 172Page - Microchip Technology 64GA106 Datasheet HTML 173Page - Microchip Technology 64GA106 Datasheet HTML 174Page - Microchip Technology 64GA106 Datasheet HTML 175Page - Microchip Technology 64GA106 Datasheet HTML 176Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 172
 2010 Microchip Technology Inc.
REGISTER 14-1:
OCxCON1: OUTPUT COMPARE x CONTROL 1 REGISTER
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
—
—
OCSIDL
OCTSEL2
OCTSEL1
OCTSEL0
—
—
bit 15
bit 8
R/W-0
U-0
U-0
R/W-0, HCS
R/W-0
R/W-0
R/W-0
R/W-0
ENFLT0
—
—
OCFLT0
TRIGMODE
OCM2(1)
OCM1(1)
OCM0(1)
bit 7
bit 0
Legend:
HCS = Hardware Clearable/Settable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented:
Read as ‘0’
bit 13
OCSIDL:
Stop Output Compare x in Idle Mode Control bit
1
= Output Compare x halts in CPU Idle mode
0
= Output Compare x continues to operate in CPU Idle mode
bit 12-10
OCTSEL<2:0>:
Output Compare x Timer Select bits
111
= Peripheral Clock (FCY)
110
= Reserved
101
= Reserved
100
= Timer1
011
= Timer5
010
= Timer4
001
= Timer3
000
= Timer2
bit 9-8
Unimplemented:
Read as ‘0’
bit 7
ENFLT0:
Fault 0 Input Enable bit
1
= Fault 0 input is enabled
0
= Fault 0 input is disabled
bit 6-5
Unimplemented:
Read as ‘0’
bit 4
OCFLT0:
PWM Fault Condition Status bit
1
= PWM Fault condition has occurred (cleared in HW only)
0
= No PWM Fault condition has occurred (this bit is only used when OCM<2:0> = 111)
bit 3
TRIGMODE:
Trigger Status Mode Select bit
1
= TRIGSTAT (OCxCON2<6>) is cleared when OCxRS = OCxTMR or in software
0
= TRIGSTAT is only cleared by software
bit 2-0
OCM<2:0>:
Output Compare x Mode Select bits(1)
111
= Center-Aligned PWM mode on OCx(2)
110
= Edge-Aligned PWM mode on OCx(2)
101
= Double Compare Continuous Pulse mode: initialize OCx pin low, toggle OCx state continuously
on alternate matches of OCxR and OCxRS
100
= Double Compare Single-Shot mode: initialize OCx pin low, toggle OCx state on matches of OCxR
and OCxRS for one cycle
011
= Single Compare Continuous Pulse mode: compare events continuously toggle OCx pin
010
= Single Compare Single-Shot mode: initialize OCx pin high, compare event forces OCx pin low
001
= Single Compare Single-Shot mode: initialize OCx pin low, compare event forces OCx pin high
000
= Output compare channel is disabled
Note 1:
The OCx output must also be configured to an available RPn pin. For more information, see Section 10.4
“Peripheral Pin Select”
.
2:
OCFA pin controls OC1-OC4 channels; OCFB pin controls the OC5-OC9 channels. OCxR and OCxRS are
double-buffered only in PWM modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com