Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

64GA106 Datasheet(PDF) 168 Page - Microchip Technology

Part # 64GA106
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA106 Datasheet(HTML) 168 Page - Microchip Technology

Back Button 64GA106 Datasheet HTML 164Page - Microchip Technology 64GA106 Datasheet HTML 165Page - Microchip Technology 64GA106 Datasheet HTML 166Page - Microchip Technology 64GA106 Datasheet HTML 167Page - Microchip Technology 64GA106 Datasheet HTML 168Page - Microchip Technology 64GA106 Datasheet HTML 169Page - Microchip Technology 64GA106 Datasheet HTML 170Page - Microchip Technology 64GA106 Datasheet HTML 171Page - Microchip Technology 64GA106 Datasheet HTML 172Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 168
 2010 Microchip Technology Inc.
14.2
Compare Operations
In Compare mode (Figure 14-1), the enhanced output
compare module can be configured for single-shot or
continuous pulse generation; it can also repeatedly
toggle an output pin on each timer event.
To set up the module for compare operations:
1.
Configure the OCx output for one of the
available Peripheral Pin Select pins.
2.
Calculate the required values for the OCxR and
(for Double Compare modes) OCxRS duty cycle
registers:
a)
Determine the instruction clock cycle time.
Take into account the frequency of the
external clock to the timer source (if one is
used) and the timer prescaler settings.
b)
Calculate time to the rising edge of the out-
put pulse relative to the timer start value
(0000h).
c)
Calculate the time to the falling edge of the
pulse based on the desired pulse width and
the time to the rising edge of the pulse.
3.
Write the rising edge value to OCxR, and the
falling edge value to OCxRS.
4.
Set the Timer Period register, PRy, to a value
equal to or greater than the value in OCxRS.
5.
Set the OCM<2:0> bits for the appropriate
compare operation (= 0xx).
6.
For Trigger mode operations, set OCTRIG to
enable Trigger mode. Set or clear TRIGMODE to
configure trigger operation, and TRIGSTAT to
select a hardware or software trigger. For
Synchronous mode, clear OCTRIG.
7.
Set the SYNCSEL<4:0> bits to configure the
trigger or synchronization source. If free-running
timer operation is required, set the SYNCSEL bits
to ‘00000’ (no sync/trigger source).
8.
Select
the
time
base
source
with
the
OCTSEL<2:0> bits. If necessary, set the TON bit
for the selected timer which enables the compare
time base to count. Synchronous mode operation
starts as soon as the time base is enabled; Trigger
mode operation starts after a trigger source event
occurs.
FIGURE 14-1:
OUTPUT COMPARE BLOCK DIAGRAM (16-BIT MODE)
OCxR
Comparator
OCxTMR
OCxCON1
OCxCON2
OC Output and
OCx Interrupt
OCx Pin(1)
OCxRS
Comparator
Fault Logic
Match Event
Match Event
Trigger and
Sync Logic
Clock
Select
Increment
Reset
OC Clock
Sources
Trigger and
Sync Sources
Reset
Match Event
OCFA/OCFB
OCTSELx
SYNCSELx
TRIGSTAT
TRIGMODE
OCTRIG
OCMx
OCINV
OCTRIS
FLTOUT
FLTTRIEN
FLTMD
ENFLT0
OCFLT0
Note 1:
The OCx outputs must be assigned to an available RPn pin before use. Please see Section 10.4 “Peripheral
Pin Select”
for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com