Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

64GA106 Datasheet(PDF) 164 Page - Microchip Technology

Part # 64GA106
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA106 Datasheet(HTML) 164 Page - Microchip Technology

Back Button 64GA106 Datasheet HTML 160Page - Microchip Technology 64GA106 Datasheet HTML 161Page - Microchip Technology 64GA106 Datasheet HTML 162Page - Microchip Technology 64GA106 Datasheet HTML 163Page - Microchip Technology 64GA106 Datasheet HTML 164Page - Microchip Technology 64GA106 Datasheet HTML 165Page - Microchip Technology 64GA106 Datasheet HTML 166Page - Microchip Technology 64GA106 Datasheet HTML 167Page - Microchip Technology 64GA106 Datasheet HTML 168Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 164
 2010 Microchip Technology Inc.
13.1.2
CASCADED (32-BIT) MODE
By default, each module operates independently with
its own 16-bit timer. To increase resolution, adjacent
even and odd modules can be configured to function as
a single 32-bit module. (For example, modules 1 and 2
are paired, as are modules 3 and 4, and so on.) The
odd-numbered module (ICx) provides the Least Signif-
icant 16 bits of the 32-bit register pairs, and the even
module (ICy) provides the Most Significant 16 bits.
Wraparounds of the ICx registers cause an increment
of their corresponding ICy registers.
Cascaded operation is configured in hardware by
setting the IC32 bits (ICxCON2<8>) for both modules.
13.2
Capture Operations
The enhanced input capture module can be configured
to capture timer values and generate interrupts on
rising edges on ICx, or all transitions on ICx. Captures
can be configured to occur on all rising edges or just
some (every 4th or 16th). Interrupts can be indepen-
dently configured to generate on each event or a
subset of events.
To set up the module for capture operations:
1.
Configure the ICx input for one of the available
Peripheral Pin Select pins.
2.
If Synchronous mode is to be used, disable the
sync source before proceeding.
3.
Make sure that any previous data has been
removed from the FIFO by reading ICxBUF until
the ICBNE bit (ICxCON1<3>) is cleared.
4.
Set the SYNCSEL bits (ICxCON2<4:0>) to the
desired sync/trigger source.
5.
Set the ICTSEL bits (ICxCON1<12:10>) for the
desired clock source.
6.
Set the ICI bits (ICxCON1<6:5>) to the desired
interrupt frequency
7.
Select Synchronous or Trigger mode operation:
a)
Check that the SYNCSEL bits are not set to
‘00000’.
b)
For Synchronous mode, clear the ICTRIG
bit (ICxCON2<7>).
c)
For Trigger mode, set ICTRIG and clear the
TRIGSTAT bit (ICxCON2<6>).
8.
Set the ICM bits (ICxCON1<2:0>) to the desired
operational mode.
9.
Enable the selected trigger/sync source.
For 32-bit cascaded operations, the setup procedure is
slightly different:
1.
Set
the
IC32
bits
for
both
modules
(ICyCON2<8> and (ICxCON2<8>), enabling the
even-numbered module first. This ensures the
modules will start functioning in unison.
2.
Set the ICTSEL and SYNCSEL bits for both
modules to select the same sync/trigger and
time base source. Set the even module first,
then the odd module. Both modules must use
the same ICTSEL and SYNCSEL settings.
3.
Clear the ICTRIG bit of the even module
(ICyCON2<7>); this forces the module to run in
Synchronous mode with the odd module,
regardless of its trigger setting.
4.
Use the odd module’s ICI bits (ICxCON1<6:5>)
to the desired interrupt frequency.
5.
Use the ICTRIG bit of the odd module
(ICxCON2<7>)
to
configure
Trigger
or
Synchronous mode operation.
6.
Use the ICM bits of the odd module
(ICxCON1<2:0>) to set the desired capture
mode.
The module is ready to capture events when the time
base and the trigger/sync source are enabled. When
the ICBNE bit (ICxCON1<3>) becomes set, at least
one capture value is available in the FIFO. Read input
capture values from the FIFO until the ICBNE clears to
‘0’.
For 32-bit operation, read both the ICxBUF and
ICyBUF for the full 32-bit timer value (ICxBUF for the
lsw, ICyBUF for the msw). At least one capture value is
available in the FIFO buffer when the odd module’s
ICBNE bit (ICxCON1<3>) becomes set. Continue to
read the buffer registers until ICBNE is cleared
(perform automatically by hardware).
Note:
For Synchronous mode operation, enable
the sync source as the last step. Both
input capture modules are held in Reset
until the sync source is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com