Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

64GA106 Datasheet(PDF) 167 Page - Microchip Technology

Part # 64GA106
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA106 Datasheet(HTML) 167 Page - Microchip Technology

Back Button 64GA106 Datasheet HTML 163Page - Microchip Technology 64GA106 Datasheet HTML 164Page - Microchip Technology 64GA106 Datasheet HTML 165Page - Microchip Technology 64GA106 Datasheet HTML 166Page - Microchip Technology 64GA106 Datasheet HTML 167Page - Microchip Technology 64GA106 Datasheet HTML 168Page - Microchip Technology 64GA106 Datasheet HTML 169Page - Microchip Technology 64GA106 Datasheet HTML 170Page - Microchip Technology 64GA106 Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 330 page
background image
 2010 Microchip Technology Inc.
DS39905E-page 167
PIC24FJ256GA110 FAMILY
14.0
OUTPUT COMPARE WITH
DEDICATED TIMER
Devices in the PIC24FJ256GA110 family all feature
9 independent enhanced output compare modules.
Each of these modules offers a wide range of configu-
ration and operating options for generating pulse trains
on internal device events, and can produce
Pulse-Width Modulated (PWM) waveforms for driving
power applications.
Key features of the enhanced output compare module
include:
• Hardware-configurable for 32-bit operation in all
modes by cascading two adjacent modules
• Synchronous and Trigger modes of output
compare operation, with up to 30 user-selectable
trigger/sync sources available
• Two separate Period registers (a main register,
OCxR, and a secondary register, OCxRS) for
greater flexibility in generating pulses of varying
widths
• Configurable for single pulse or continuous pulse
generation on an output event, or continuous
PWM waveform generation
• Up to 6 clock sources available for each module,
driving a separate internal 16-bit counter
14.1
General Operating Modes
14.1.1
SYNCHRONOUS AND TRIGGER
MODES
By default, the enhanced output compare module oper-
ates in a free-running mode. The internal, 16-bit coun-
ter, OCxTMR, counts up continuously, wrapping
around from FFFFh to 0000h on each overflow, with its
period synchronized to the selected external clock
source. Compare or PWM events are generated each
time a match between the internal counter and one of
the Period registers occurs.
In Synchronous mode, the module begins performing
its compare or PWM operation as soon as its selected
clock source is enabled. Whenever an event occurs on
the selected sync source, the module’s internal counter
is reset. In Trigger mode, the module waits for a sync
event from another internal module to occur before
allowing the counter to run.
Free-running mode is selected by default, or any time
that the SYNCSEL bits (OCxCON2<4:0>) are set to
‘00000’. Synchronous or Trigger modes are selected
any time the SYNCSEL bits are set to any value except
‘00000’. The OCTRIG bit (OCxCON2<7>) selects
either Synchronous or Trigger mode; setting the bit
selects Trigger mode operation. In both modes, the
SYNCSEL bits determine the sync/trigger source.
14.1.2
CASCADED (32-BIT) MODE
By default, each module operates independently with
its own set of 16-Bit Timer and Duty Cycle registers. To
increase resolution, adjacent even and odd modules
can be configured to function as a single 32-bit module.
(For example, modules 1 and 2 are paired, as are
modules 3 and 4, and so on.) The odd-numbered
module (OCx) provides the Least Significant 16 bits of
the 32-bit register pairs, and the even module (OCy)
provides the Most Significant 16 bits. Wraparounds of
the OCx registers cause an increment of their
corresponding OCy registers.
Cascaded operation is configured in hardware by
setting the OC32 bits (OCxCON2<8>) for both
modules.
Note:
This data sheet summarizes the features of
this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information, refer to the
“PIC24F
Family
Reference
Manual”
,
Section 35. “Output Compare with
Dedicated Timer”
(DS39723)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com