Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAS2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STAS2
Description  Hirschmann Automation and Control GmbH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STAS2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STAS2 Datasheet HTML 1Page - List of Unclassifed Manufacturers STAS2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STAS 2 grau/grey
Industrial Connectors:Rectangular connectors ST-series:Cable plug
Hirschmann Automation and Control GmbH
Product description
Description
Cable plug without strain relief
Type
STAS 2 grau/grey
Order No.
930 620-106
Type of contact
male
Number of contacts
2 + PE
Cable gland
PG 7
Cable diameter
4 mm to 6.5 mm
Conductor size
max. 1.5 mm²
Housing Color
grey
Contact bearer color
black
Drawing
Technical data
Pin dimensions
2 mm
Rated voltage
AC/DC 250 V
Rated current
DC 10 A / AC 16 A
Contact resistance
<= 5 mOhm
Type of termination
screw
Material
Contact material
Cu Zn
page 1 of 2


Similar Part No. - STAS2

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
STAS2 APEX-ELECTRONICS-STAS2 Datasheet
672Kb / 5P
Miniature toggle switches, IP67
logo
Belden Inc.
STAS20V0 BELDEN-STAS20V0 Datasheet
322Kb / 2P
Rectangular Field Attachable Power Connector (ST Series): Male, straight with strain relief , 2-pinPE, grey housing, 230 V AC/DC, 16 A AC/6 A DC
logo
Apex Electronics Co., L...
STAS2T1A1M2CES APEX-ELECTRONICS-STAS2T1A1M2CES Datasheet
672Kb / 5P
Miniature toggle switches, IP67
STAS2T1A1M2QES APEX-ELECTRONICS-STAS2T1A1M2QES Datasheet
672Kb / 5P
Miniature toggle switches, IP67
STAS2T1A1M2RES APEX-ELECTRONICS-STAS2T1A1M2RES Datasheet
672Kb / 5P
Miniature toggle switches, IP67
More results

Similar Description - STAS2

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
C091-31G006-100-2 AMPHENOL-C091-31G006-100-2 Datasheet
3Mb / 52P
Amphenol-Tuchel Electronics GmbH
logo
List of Unclassifed Man...
RS199 ETC2-RS199 Datasheet
187Kb / 1P
EDSYN GMBH EUROPA
logo
ALPS ELECTRIC CO.,LTD.
SKHHLRA010 ALPS-SKHHLRA010 Datasheet
711Kb / 8P
ALPS ELECTRIC EUROPA GMBH
logo
List of Unclassifed Man...
G4A5M ETC2-G4A5M Datasheet
146Kb / 2P
Hirschmann Automation and Control GmbH
M-SFP-SXLC ETC2-M-SFP-SXLC Datasheet
149Kb / 2P
Hirschmann Automation and Control GmbH
logo
Amphenol Corporation
P29045 AMPHENOL-P29045 Datasheet
14Mb / 28P
FACTORY AUTOMATION POWER AND CONTROL MEDIA
logo
Holt Integrated Circuit...
HI-4853 HOLTIC-HI-4853 Datasheet
1Mb / 14P
Process Control and Factory Automation
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
Process control and industrial automation
Rev. 0
logo
TE Connectivity Ltd
602-430-XXX TEC-602-430-XXX Datasheet
332Kb / 4P
HIRSCHMANN MOBILITY
logo
EDA Technology Co.,LTD
ED-CM4IND10-0232-4C-I EDATEC-ED-CM4IND10-0232-4C-I Datasheet
2Mb / 5P
Industrial Computer for IoT, Industrial Control and Automation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com