Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1101 Datasheet(PDF) 12 Page - ams AG

Part # AS1101
Description  Low-Dropout LED Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1101 Datasheet(HTML) 12 Page - ams AG

Back Button AS1101 Datasheet HTML 6Page - ams AG AS1101 Datasheet HTML 7Page - ams AG AS1101 Datasheet HTML 8Page - ams AG AS1101 Datasheet HTML 9Page - ams AG AS1101 Datasheet HTML 10Page - ams AG AS1101 Datasheet HTML 11Page - ams AG AS1101 Datasheet HTML 12Page - ams AG AS1101 Datasheet HTML 13Page - ams AG AS1101 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
www.austriamicrosystems.com
Revision 1.5
11 - 13
AS1101/AS1102/AS1103/AS1104
Data Sheet - Package Drawings and Mark ings
Figure 21. MSOP-8 Package
Symbol
Millimeters
± Tolerance
Symbol
Millimeters
± Tolerance
A
1.10
Max
b
0.33
+0.07 to -0.08
A1
0.10
±0.05
b1
0.30
±0.05
A2
0.86
±0.08
c
0.18
±0.05
D
3.00
±0.10
c1
0.15
+0.03 to -0.02
D2
2.95
±0.10
θ1
3.0º
±3.0º
E4.90
±0.15
θ2
12.0º
±3.0º
E1
3.00
±0.10
θ3
12.0º
±3.0º
E2
2.95
±0.10
L
0.55
±0.15
E3
0.51
±0.13
L1
0.95 BSC
E4
0.51
±0.13
aaa
0.10
R
0.15
+0.15 to -0.08
bbb
0.08
R1
0.15
+0.15 to -0.08
ccc
0.25
t1
0.31
±0.08
e
.65 BSC
t2
0.41
±0.08
S
.525 BSC
Notes:
1. All dimensions are in millimeters (angle in degrees), unless otherwise specified.
2. Datums B and C to be determined at datum plane H.
3. Dimensions D and E1 are to be determined at datum plane H.
4. Dimensions D2 and E2 are for top package and D and E1 are for bottom package.
5. Cross section A-A to be determined at 0.13 to 0.25mm from the lead tip.
6. Dimensions D and D2 do not include mold flash, protrusion, or gate burrs.
7. Dimension E1 and E2 do not include interlead flash or protrusion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com