Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1102 Datasheet(PDF) 6 Page - ams AG

Part # AS1102
Description  Low-Dropout LED Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1102 Datasheet(HTML) 6 Page - ams AG

Back Button AS1102 Datasheet HTML 2Page - ams AG AS1102 Datasheet HTML 3Page - ams AG AS1102 Datasheet HTML 4Page - ams AG AS1102 Datasheet HTML 5Page - ams AG AS1102 Datasheet HTML 6Page - ams AG AS1102 Datasheet HTML 7Page - ams AG AS1102 Datasheet HTML 8Page - ams AG AS1102 Datasheet HTML 9Page - ams AG AS1102 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.austriamicrosystems.com
Revision 1.5
5 - 13
AS1101/AS1102/AS1103/AS1104
Data Sheet - El ectrical Characte ristics
LED-to-LED Current Matching
Match
VON = 3V
-3
3
%
ISET in OFF Mode
1
ISET,OFF
VCTRL = 3V, VSAT = 3V, VON = 0V
0.1
1
µA
IIN in OFF Mode
1
IIN,OFF
VCTRL = 3V, VSAT = 3V, VON = 0V,
TAMB = 25°C
0.1
1
µA
VCTRL = 3V, VSAT = 3V, VON = 0V
2
Peak Efficiency
2
η
VIN = 3V, VON = 3V
95
%
1. Not applicable to AS1103
.
2. Efficiency = (VIN - VSAT) / VIN. Information parameter, guaranteed by design.
Table 5. Electrical Characteristics – AS1102, AS1103
, AS1104
Parameter
Symbol
Conditions
Min
Typ
Max Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com