Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1103 Datasheet(PDF) 5 Page - ams AG

Part # AS1103
Description  Low-Dropout LED Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1103 Datasheet(HTML) 5 Page - ams AG

  AS1103 Datasheet HTML 1Page - ams AG AS1103 Datasheet HTML 2Page - ams AG AS1103 Datasheet HTML 3Page - ams AG AS1103 Datasheet HTML 4Page - ams AG AS1103 Datasheet HTML 5Page - ams AG AS1103 Datasheet HTML 6Page - ams AG AS1103 Datasheet HTML 7Page - ams AG AS1103 Datasheet HTML 8Page - ams AG AS1103 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.austriamicrosystems.com
Revision 1.5
4 - 13
AS1101/AS1102/AS1103/AS1104
Data Sheet - El ectrical Characte ristics
6 Electrical Characteristics
AS1101 Electrical Characteristics
TAMB = 25°C (unless otherwise noted).
†
Efficiency = (VIN - VSAT)/VIN. Information parameter, guaranteed by design.
AS1102, AS1103, AS1104 Electrical Characteristics
TAMB = 25°C (unless otherwise noted).
Table 4. Electrical Characteristics – AS1101
Parameter
Symbol
Conditions
Min
Typ
Max Units
ISET Range
ISET
VON = 3V
25
150
µA
Output Current Multiplication Ratio
OCMR
ISET = 25µA, VSAT = 150mV, VON = 3V
350
500
650
Output Current Multiplication Ratio
OCMR
ISET = 40µA, VSAT = 150mV, VON = 3V
335
480
625
Output Current Multiplication Ratio
OCMR
ISET = 75µA, VSAT = 150mV, VON = 3V
295
420
545
Output Current Multiplication Ratio
OCMR
ISET = 25µA, VSAT = 600mV, VON = 3V
435
620
805
Output Current Multiplication Ratio
OCMR
ISET = 40µA, VSAT = 600mV, VON = 3V
425
610
795
Output Current Multiplication Ratio
OCMR
ISET = 75µA, VSAT = 600mV, VON = 3V
415
590
765
Output Current Multiplication Ratio
OCMR
ISET = 25µA, VSAT = 1000mV, VON = 3V
470
670
870
Output Current Multiplication Ratio
OCMR
ISET = 40µA, VSAT = 1000mV, VON = 3V
460
660
860
Output Current Multiplication Ratio
OCMR
ISET = 75µA, VSAT = 1000mV, VON = 3V
440
630
820
LED-to-LED Current Matching
Match
VON = 3V
-3
3
%
ISET in OFF Mode
ISET,OFF
VCTRL = 3V, VSAT = 3V, VON = 0V
0.1
1
µA
IIN in OFF Mode
IIN,OFF
VCTRL = 3V, VSAT = 3V, VON = 0V,
TAMB = 25ºC
0.1
1
µA
VCTRL = 3V, VSAT = 3V, VON = 0V
4
Peak Efficiency
†
η
VIN = 3V, VON = 3V
95
%
Table 5. Electrical Characteristics – AS1102, AS1103
, AS1104
Parameter
Symbol
Conditions
Min
Typ
Max Units
ISET Range
ISET
VON = 3V
25
150
µA
Output Current Multiplication Ratio
OCMR
ISET = 25µA, VSAT = 150mV, VON = 3V
175
250
325
Output Current Multiplication Ratio
OCMR
ISET = 40µA, VSAT = 150mV, VON = 3V
170
240
310
Output Current Multiplication Ratio
OCMR
ISET = 75µA, VSAT = 150mV, VON = 3V
145
210
275
Output Current Multiplication Ratio
OCMR
ISET = 25µA, VSAT = 600mV, VON = 3V
215
310
405
Output Current Multiplication Ratio
OCMR
ISET = 40µA, VSAT = 600mV, VON = 3V
215
305
395
Output Current Multiplication Ratio
OCMR
ISET = 75µA, VSAT = 600mV, VON = 3V
205
295
385
Output Current Multiplication Ratio
OCMR
ISET = 25µA, VSAT = 1000mV, VON = 3V
235
335
435
Output Current Multiplication Ratio
OCMR
ISET = 40µA, VSAT = 1000mV, VON = 3V
230
330
430
Output Current Multiplication Ratio
OCMR
ISET = 75µA, VSAT = 1000mV, VON = 3V
220
315
410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com