Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1105 Datasheet(PDF) 14 Page - ams AG

Part # AS1105
Description  Serially Interfaced, 4-Digit LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1105 Datasheet(HTML) 14 Page - ams AG

Back Button AS1105 Datasheet HTML 8Page - ams AG AS1105 Datasheet HTML 9Page - ams AG AS1105 Datasheet HTML 10Page - ams AG AS1105 Datasheet HTML 11Page - ams AG AS1105 Datasheet HTML 12Page - ams AG AS1105 Datasheet HTML 13Page - ams AG AS1105 Datasheet HTML 14Page - ams AG AS1105 Datasheet HTML 15Page - ams AG AS1105 Datasheet HTML 16Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
www.ams.com/LED-Driver-ICs/AS1105
Revision 1.36
13 - 15
AS1105
Datasheet - Pack a ge Drawin gs and Ma r k ings
10 Package Drawings and Markings
The device is available in a 20-pin SOIC package.
Figure 8. SOIC-20 Package Drawings & Dimensions
Symbol
Min
Max
A
2.44
2.64
A1
0.10
0.30
A2
2.24
2.44
B
0.36
0.46
C
0.23
0.32
D
12.65
12.85
E
7.40
7.60
e
1.27 BSC
Symbol
Min
Max
H
10.11
10.51
h
0.31
0.71
J
0.53
0.73
K
7° BSC
L
0.51
1.01
R
0.63
0.89
ZD
0.66 REF
α
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com