Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1107 Datasheet(PDF) 10 Page - ams AG

Part # AS1107
Description  8-Digit LED Display Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1107 Datasheet(HTML) 10 Page - ams AG

Back Button AS1107 Datasheet HTML 6Page - ams AG AS1107 Datasheet HTML 7Page - ams AG AS1107 Datasheet HTML 8Page - ams AG AS1107 Datasheet HTML 9Page - ams AG AS1107 Datasheet HTML 10Page - ams AG AS1107 Datasheet HTML 11Page - ams AG AS1107 Datasheet HTML 12Page - ams AG AS1107 Datasheet HTML 13Page - ams AG AS1107 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1106_07
Revision 2.28
9 - 21
AS1106, AS1107
Datasheet - Detailed Descr i pti on
8.4 Shutdown Mode
The AS1106/AS1107 devices feature a shutdown mode, where they consume only 10µA (max) current. Shutdown mode is entered via a write to
the Shutdown Register (see Table 8). For the AS1106, at that point, all segment current sources are pulled to ground and all digit drivers are
connected to VDD, so that all segments are blanked. The AS1107 behavior is identical except the drivers are high impedance.
Note:
During shutdown mode the Digit-Registers maintain their data.
Shutdown mode can either be used as a means to reduce power consumption or for generating a flashing display (repeatedly entering and
leaving shutdown mode). For minimum supply current in shutdown mode, logic input should be at GND or VDD (CMOS logic level).
The devices need typically 250µs to exit shutdown mode, and during shutdown mode the AS1106/AS1107 is fully programmable. Only the
display test mode (see page 11) overrides shutdown mode.
When entering or leaving shutdown mode, the Feature Register is reset to its default values (all 0s) when Shutdown Register bit D7 (page 10) =
0.
1
Note:
If the AS1106/AS1107 is used with an external clock, Shutdown Register bit D7 should be set to 1 when writing to the Shutdown Regis-
ter.
8.5 Digit- and Control-Registers
The AS1106/AS1107 devices contain 8 Digit-Registers and 6 control-registers, which are listed in Table 7. All registers are selected using a 4-bit
address word, and communication is done via the serial interface.
Digit Registers – These registers are realized with an on-chip 64-bit memory. Each digit can be controlled directly without rewriting the
whole register contents.
Control Registers – These registers consist of decode mode, display intensity, number of scanned digits, shutdown, display test and fea-
tures selection registers.
1. When Shutdown Register bit D7 = 1, the Feature Register is left unchanged when entering or leaving shutdown mode.
Table 7. Register Address Map
Register
HEX Code
Address
Page
D15:D12
D11
D10
D9
D8
No-Op
0xX0
X
0
000
13
Digit 0
0xX1
X
0
0
0
1
N/A
Digit 1
0xX2
X
0
0
1
0
N/A
Digit 2
0xX3
X
0
0
1
1
N/A
Digit 3
0xX4
X
0
1
0
0
N/A
Digit 4
0xX5
X
0
1
0
1
N/A
Digit 5
0xX6
X
0
1
1
0
N/A
Digit 6
0xX7
X
0
1
1
1
N/A
Digit 7
0xX8
X
1
0
0
0
N/A
Decode-Mode
0xX9
X
1
0
0
1
10
Intensity Control
0xXA
X
1
0
1
0
12
Scan Limit
0xXB
X
1
0
1
1
12
Shutdown
0xXC
X
1
1
0
0
10
N/A
0xXD
X
1
101
N/A
Feature
0xXE
X
1
1
1
0
13
Display Test
0xXF
X
1
1
1
1
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com