Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1108 Datasheet(PDF) 11 Page - ams AG

Part # AS1108
Description  4-Digi t LED Display Dr iver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1108 Datasheet(HTML) 11 Page - ams AG

Back Button AS1108 Datasheet HTML 7Page - ams AG AS1108 Datasheet HTML 8Page - ams AG AS1108 Datasheet HTML 9Page - ams AG AS1108 Datasheet HTML 10Page - ams AG AS1108 Datasheet HTML 11Page - ams AG AS1108 Datasheet HTML 12Page - ams AG AS1108 Datasheet HTML 13Page - ams AG AS1108 Datasheet HTML 14Page - ams AG AS1108 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1108
Revision 2.13
10 - 20
AS1108
Datasheet - D e t a i l e d D e s c r i p t i o n
Shutdown Register (0xXC)
The Shutdown Register controls AS1108 shutdown mode (see Shutdown Mode on page 9).
Decode Enable Register (0xX9)
The Decode Enable Register sets the decode mode. BCD/HEX decoding (either BCD code – characters 0:9, E, H, L,
P, and -, or HEX code – characters 0:9 and A:F) is selected by bit D2 (page 13) of the Feature Register. The Decode
Enable Register is used to select the decode mode or no-decode for each digit. Each bit in the Decode Enable Regis-
ter corresponds to its respective display digit (i.e., bit D0 corresponds to digit 0, bit D1 corresponds to digit 1 and so
on). Table 10 lists some examples of the possible settings for the Decode Enable Register bits.
Note: A logic high enables decoding and a logic low bypasses the decoder altogether.
When decode mode is used, the decoder looks only at the lower-nibble (bits D3:D0) of the data in the Digit-Registers,
disregarding bits D6:D4. Bit D7 sets the decimal point (SEG DP) independent of the decoder and is positive logic (bit
D7 = 1 turns the decimal point on). Table 10 lists the code-B font; Table 11 lists the HEX font.
When no-decode mode is selected, data bits D7:D0 of the Digit-Registers correspond to the segment lines of the
AS1108. Table 12 shows the 1:1 pairing of each data bit and the appropriate segment line.
Figure 11. Standard 7-Segment LED Intensity Control and Inter-Digit Blanking
Table 8. Shutdown Register Format (Address (HEX) = 0xXC))
Mode
HEX Code
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
Shutdown Mode,
Reset Feature Register to Default Settings
0x00
0
X
X
X
X
X
X
0
Shutdown Mode, Feature Register Unchanged
0x80
1
X
X
X
X
X
X
0
Normal Operation,
Reset Feature Register to Default Settings
0x01
0
X
X
X
X
X
X
1
Normal Operation, Feature Register Unchanged
0x81
1
X
X
X
X
X
X
1
Table 9. Decode Enable Register Format (Address (HEX) = 0xX9))
Decode Mode
HEX Code
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
No decode for digits 3:0
0x00
X
X
X
X
0
0
0
0
Code-B/HEX decode for digit 0. No decode for digits 3:1
0x01
X
X
X
X
0
0
0
1
Code-B/HEX decode for digits 3:0
0xFF
X
X
X
X
1
1
1
1
Table 10. Code-B Font
7-Segment
Character
Register Data
On Segments = 1
D7
†
D6:D4
D3
D2
D1
D0
DP
†
A
B
C
D
E
F
G
0
X
0
0
0
0
1
1
1
1
1
1
0
1
X
0
0
0
1
0
1
1
0
0
0
0
2
X
0
0
1
0
1
1
0
1
1
0
1
3
X
0
0
1
1
1
1
1
1
0
0
1
4
X
0
1
0
0
0
1
1
0
0
1
1
5
X
0
1
0
1
1
0
1
1
0
1
1
A
B
G
F
E
D
C
DP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com