Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1115 Datasheet(PDF) 19 Page - ams AG

Part # AS1115
Description  64 LEDs, IC Inter faced LED Dr iver wi th Keyscan
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1115 Datasheet(HTML) 19 Page - ams AG

Back Button AS1115 Datasheet HTML 15Page - ams AG AS1115 Datasheet HTML 16Page - ams AG AS1115 Datasheet HTML 17Page - ams AG AS1115 Datasheet HTML 18Page - ams AG AS1115 Datasheet HTML 19Page - ams AG AS1115 Datasheet HTML 20Page - ams AG AS1115 Datasheet HTML 21Page - ams AG AS1115 Datasheet HTML 22Page - ams AG AS1115 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1115
Revision 1.08
18 - 25
AS1115
Datasheet - D e t a i l e d D e s c r i p t i o n
Feature Register (0x0E)
The Feature Register is used for enabling various features including switching the device into external clock mode, applying an external reset,
selecting code-B or HEX decoding, enabling or disabling blinking, setting the blinking rate, and resetting the blink timing.
Note:
At power-up the Feature Register is initialized to 0.
Table 20. Feature Register Summary
D7
D6
D5
D4
D3
D2
D1
D0
blink_
start
sync
blink_
freq_sel
blink_en
NU
decode_sel
reg_res
clk_en
Table 21. Feature Register Bit Descriptions (Address (HEX) = 0xXE)
Addr: 0xXE
Feature Register
Enables and disables various device features.
Bit
Bit Name
Default
Access
Bit Description
D0
clk_en
0
R/W
External clock active.
0 = Internal oscillator is used for system clock.
1 = Pin CLK of the serial interface operates as system clock input.
D1
reg_res
0
R/W
Resets all control registers except the Feature Register.
0 = Reset Disabled. Normal operation.
1 = All control registers are reset to default state (except the Feature Register)
identically after power-up.
Note:
The Digit Registers maintain their data.
D2
decode_sel
0
R/W
Selects display decoding for the selected digits (Table 8 on page 13).
0 = Enable Code-B decoding (see Table 9 on page 14).
1 = Enable HEX decoding (see Table 10 on page 14).
D3
NU
Not used
D4
blink_en
0
R/W
Enables blinking.
0 = Disable blinking. 1 = Enable blinking.
D5
blink_freq_sel
0
R/W
Sets blink with low frequency (with the internal oscillator enabled):
0 = Blink period typically is 1 second (0.5s on, 0.5s off).
1 = Blink period is 2 seconds (1s on, 1s off).
D6
sync
0
R/W
Synchronizes blinking on the rising edge of pin LD/CS. The multiplex and blink timing
counter is cleared on the rising edge of pin LD/CS. By setting this bit in multiple devices,
the blink timing can be synchronized across all the devices.
D7
blink_start
0
R/W
Start Blinking with display enabled phase. When bit D4 (blink_en) is set, bit D7
determines how blinking starts.
0 = Blinking starts with the display turned off.
1 = Blinking starts with the display turned on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com