Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1123 Datasheet(PDF) 19 Page - ams AG

Part # AS1123
Description  Constant -Cur rent , 16 -Channe l LED Dr iver wi th Diagnost ics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1123 Datasheet(HTML) 19 Page - ams AG

Back Button AS1123 Datasheet HTML 15Page - ams AG AS1123 Datasheet HTML 16Page - ams AG AS1123 Datasheet HTML 17Page - ams AG AS1123 Datasheet HTML 18Page - ams AG AS1123 Datasheet HTML 19Page - ams AG AS1123 Datasheet HTML 20Page - ams AG AS1123 Datasheet HTML 21Page - ams AG AS1123 Datasheet HTML 22Page - ams AG AS1123 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
www.austriamicrosystems.com/LED-Driver-ICs
Revision 1.00
18 - 24
AS1123
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Constant Current
In LED display applications, the AS1123 provides virtually no current variations from channel-to-channel and from AS1123-to-AS1123. This is
mostly due to 2 factors:
While IOUT ³ 10mA, the maximum current skew is less than ±3% between channels and less than ±3% between AS1123 devices.
In the saturation region, the characteristic curve of the output stage is flat. Thus, the output current can be kept constant regardless of the
variations of LED forward voltages (VF).
Adjusting Output Current
The AS1123 scales up the reference current (IREF) set by external resistor (REXT) to sink a current (IOUT) at each output port. As shown the
output current in the saturation region is extremely flat so that it is possible to define it as target current (IOUT TARGET). IOUT TARGET can be
calculated by:
VREXT = 1.253V
(EQ 1)
IREF = VREXT/REXT (if the other end of REXT is connected to ground)
(EQ 2)
IOUT TARGET = IREF*15 = (1.253V/REXT)*15
(EQ 3)
Where:
REXT is the resistance of the external resistor connected to pin REXT.
VREXT is the voltage on pin REXT.
The magnitude of current (as a function of REXT) is around 40mA at 470
Ω and 20mA at 940Ω.
Package Power Dissipation
The maximum allowable package power dissipation (PD) is determined as:
PD(MAX) = (TJ-TAMB)/RTH(J-A)
(EQ 4)
When 16 output channels are turned on simultaneously, the actual package power dissipation is:
PD(ACT) = (IDD*VDD) + (IOUT*Duty*VDS*16)
(EQ 5)
Therefore, to keep PD(ACT)
≤ PD(MAX), the maximum allowed output current as a function of duty cycle is:
IOUT = {[(TJ-TAMB)/RTH(J-A)]-(IDD*VDD)}/VDS/Duty/16
(EQ 6)
Where:
TJ = -40°C to +125°C
Delayed Outputs (only for AS1123B)
The AS1123B has graduated delay circuits between outputs. These delay circuits can be found between OUTNn and the constant current block.
The fixed delay time is 20 ns (typ) where OUTN0:3 has no delay, OUTN4:7 has 20ns delay, OUTN8:11 has 40ns delay and OUTN12:15 has
60ns delay. This delay prevents large inrush currents, which reduce power supply bypass capacitor requirements when the outputs turn on.
Switching-Noise Reduction
LED drivers are frequently used in switch-mode applications which normally exhibit switching noise due to parasitic inductance on the PCB.
Load Supply Voltage
Considering the package power dissipation limits, the AS1123 should be operated within the range of VDS = 0.4 to 1.0V.
For example, if VLED is higher than 5V, VDS may be so high that PD(ACT) > PD(MAX) where VDS = VLED - VF. In this case, the lowest possible
supply voltage or a voltage reducer (VDROP) should be used. The voltage reducer allows
VDS = (VLED -VF) - VDROP.
Note:
Resistors or zener diodes can be used as a voltage reducer as shown in Figure 23 on page 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com