Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1302 Datasheet(PDF) 13 Page - ams AG

Part # AS1302
Description  5V/30mA Adaptive Inductorless Boost Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1302 Datasheet(HTML) 13 Page - ams AG

Back Button AS1302_07 Datasheet HTML 9Page - ams AG AS1302_07 Datasheet HTML 10Page - ams AG AS1302_07 Datasheet HTML 11Page - ams AG AS1302_07 Datasheet HTML 12Page - ams AG AS1302_07 Datasheet HTML 13Page - ams AG AS1302_07 Datasheet HTML 14Page - ams AG AS1302_07 Datasheet HTML 15Page - ams AG AS1302_07 Datasheet HTML 16Page - ams AG AS1302_07 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1302
Revision 1.03
12 - 18
AS1302
Datasheet - D e t a i l e d D e s c r i p t i o n
Soft-start
The soft-start circuit prevents the supply from high inrush currents caused by the converter’s power-up sequence.
During the soft-start (0.5ms typ) the device limits the inrush current. The device is capable to power-up at the minimum
specified battery voltage and with the maximum load (ohmic equivalent) applied to the output.
Undervoltage Lockout, UVLO
The AS1302 is equipped with an undervoltage lockout functionality. If the battery voltage drops below 2.5V (typ) the
device enters the undervoltage lockout condition. The device remains in this condition until the battery voltage is high
enough to enter the soft start sequence. An internal hysteresis of 300mV prevents ringing during startup. If the input
voltage increases to 2.8V (typ) again after such a condition the device turns-on automatically.
Shutdown Mode
The AS1302 enters low-power shutdown mode when EN is set to logic low. In shutdown the charge-pump action is
halted, the output is completely disconnected from the input and VOUT will drop to 0V.
Note:
For a stable operation trigger at least a rising edge on the EN pin to set the internal settings of the device after
VBATT power-up.
Short-Circuit Protection
Short-circuit protection prevents damage to the device if the output is shorted to ground. Whenever the output voltage
is pulled significantly below VBATT, short-circuit protection is triggered and limits the current. As soon as VOUT recovers
the protection is released and the device enters soft-start mode.
Thermal Shutdown
The AS1302 offers thermal shutdown, which prevents damage due to an over-temperature condition. Thermal
shutdown will be initiated if the junction temperature exceeds 145°C. If the temperature drops below this value, the
thermal shutdown will be released automatically and the device resumes operation. A hysteresis prevents the thermal
shutdown from oscillating.
Efficiency Consideration
In the 2:3 operation mode the input current of the charge pump is approximately 1.5x the load current. In an ideal
charge pump the efficiency can be calculated by:
The same works for the 1:2 operation mode. The input current of the charge pump is approximately 2x the load
current. The efficiency of a charge pump in 1:2 operation mode can be calculated by:
For typical and high output power conditions the quiescent current and the switching losses are negligible and (EQ 1)
and (EQ 2) are valid. Hence, with the same input Voltage the 2:3 operation mode will result into a higher efficiency than
the 1:2 operation mode.
(EQ 1)
η
P
OUT
P
IN
-------------
V
OUT
I
OUT
×
V
BATT
15I
OUT
,
×
-------------------------------------------
V
OUT
15V
,
BATT
-------------------------
==
=
(EQ 2)
η
P
OUT
P
IN
-------------
V
OUT
I
OUT
×
V
BATT
2I
OUT
×
-------------------------------------
V
OUT
2V
BATT
-------------------
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com